Electronic Components Datasheet Search
  English  ▼

X  

SC2603 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2603
Description  Simple PWM Boost Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2603 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2603 Datasheet HTML 3Page - Semtech Corporation SC2603 Datasheet HTML 4Page - Semtech Corporation SC2603 Datasheet HTML 5Page - Semtech Corporation SC2603 Datasheet HTML 6Page - Semtech Corporation SC2603 Datasheet HTML 7Page - Semtech Corporation SC2603 Datasheet HTML 8Page - Semtech Corporation SC2603 Datasheet HTML 9Page - Semtech Corporation SC2603 Datasheet HTML 10Page - Semtech Corporation SC2603 Datasheet HTML 11Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
© 2005 Semtech Corp.
www.semtech.com
SC2603
POWER MANAGEMENT
Typical Characteristics
Reference Voltage vs Temperature
Oscillator Frequency vs Temperature
UVLO Threshold vs Temperature
1.22
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
1 8 0
1 8 5
1 9 0
1 9 5
2 0 0
2 0 5
2 1 0
-5 0
-2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T E M P E R A T U R E (OC )
4 . 0 5
4 . 0 8
4 . 1 0
4 . 1 3
4 . 1 5
4 . 1 8
4 . 2 0
4 . 2 3
4 . 2 5
4 . 2 8
4 . 3 0
-5 0
-2 5
0
2 5
5 0
7 5
1 0 0
1 2 5
1 5 0
T E M P E R A T U R E (O C )
UVLO Hysteresis vs Temperature
0 .1 5
0 .2
0 .2 5
0 .3
0 .3 5
0 .4
0 .4 5
0 .5
0 .5 5
-5 0
0
5 0
1 0 0
1 5 0
T E M P E R A T U R E (OC )
Current Limit Threshold vs Temperature
68
69
70
71
72
73
74
75
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (OC)
VIN=12V
VIN=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com