Electronic Components Datasheet Search
  English  ▼

X  

SC473 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 5 Page - Semtech Corporation

  SC473 Datasheet HTML 1Page - Semtech Corporation SC473 Datasheet HTML 2Page - Semtech Corporation SC473 Datasheet HTML 3Page - Semtech Corporation SC473 Datasheet HTML 4Page - Semtech Corporation SC473 Datasheet HTML 5Page - Semtech Corporation SC473 Datasheet HTML 6Page - Semtech Corporation SC473 Datasheet HTML 7Page - Semtech Corporation SC473 Datasheet HTML 8Page - Semtech Corporation SC473 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Parameter
Condition
Min
Typ
Max
Units
Current Sensing (CS+, CS-) (Cont.)
Low-Pass Filter
Corner Frequency(1)
50
80
125
kHz
Current Limit Combined System (CLSET)
CL System Accuracy
CLSET = 1.2V, TG Low
28
52
mV
CLSET = 1.2V, TG High
16
32
CLSET Input Bias Current
|1|
μA
Hysteresis Setting (HYS)
HYS Input Bias Current
|1|
μA
HYS Gain (internal hysteresis
setting relative to voltage
applied at HYS pin)
HYS = 1V
4
7
10
%
OVP and Internal Powergood
Fixed Over-Voltage
Protection Threshold
1.65
1.7
1.75
V
Power Good Window
Upper Threshold
FB Rising Relative DAC
+160
+200
+240
mV
Power Good Window
Lower Threshold
FB Falling Relative DAC
-360
-300
-240
mV
Power Good Window
Lower Hysteresis
FB Rising Relative DAC
30
50
70
mV
Powergood (PWRGD)
Leakage
PWRGD
High Impedance V
PG = 5V
1
μA
On-Resistance
PWRGD = 0.1V
20
100
Ω
Power Monitor
PMON Output Voltage
VOUT = 1.2875
T
J = 25
o
C
CS+, CS- = 4mV
74
148
222
mV
CS+, CS- = 16mV
530
590
650
Electrical Characteristics (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com