Electronic Components Datasheet Search
  English  ▼

X  

SC473 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC473 Datasheet HTML 7Page - Semtech Corporation SC473 Datasheet HTML 8Page - Semtech Corporation SC473 Datasheet HTML 9Page - Semtech Corporation SC473 Datasheet HTML 10Page - Semtech Corporation SC473 Datasheet HTML 11Page - Semtech Corporation SC473 Datasheet HTML 12Page - Semtech Corporation SC473 Datasheet HTML 13Page - Semtech Corporation SC473 Datasheet HTML 14Page - Semtech Corporation SC473 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Start-Up and Soft-Off Sequences:
For the SC473 cold start-up, V5 must rise above its under-
voltage lockout (UVLO) threshold (4.4V typ.) The EN signal
may go high either before UVLO or after (preferred). The
DAC drives 120μA (typical) into the soft-start capacitor on
the SS pin. The SS pin and DAC rise slowly until the VID(4:0)
When the voltage hits the lower PWRGD threshold, PWRGD
goes high, and start-up is complete.
In a normal shutdown, the EN signal is driven low, the TG
and BG signals are driven low, tri-stating the power chains.
An approximately 10
Ω FET on the FB+ signal discharges
Vcore slowly and prevents normal amounts of leakage from
pulling Vcore high. The DAC is discharged to zero, but the
power regulation circuitry is inactive, and PWRGD is low.
DAC Description:
A +/-0.85% 5-bit digital-to-analog converter (DAC) serves as
the programmable reference source of the Core Compara-
tor. Programming is accomplished by logic voltage levels
applied to the DAC inputs. The VID code vs. the DAC output
is shown in Table 1. The five voltage identification pins are
used to support automatic selection of V
OUT voltages.
DAC Slew Rate Control:
The DAC also has integrated slew-rate control with to
charge and discharge the soft-start capacitor. All operat-
ing voltage transitions including soft-start use the 120μA
source to charge the soft-start capacitor.
Power Supply Protection:
The UVLO circuit consists of a comparator that monitors
the input supply voltage level, V5. The SC473 is in UVLO
mode when its supply voltage has not ramped above the
upper threshold or dropped below the lower threshold. The
output of the UVLO comparator turns on or off the internal
bias, enables or disables the SC473 output, and initiates
or resets the soft-start timer.
The OVP circuit of SC473 monitors the processor core V
OUT
voltage for an over-voltage condition. If the FB voltage is
200mV greater than the DAC voltage (i.e., out of the pow-
ergood window), the SC473 will latch off and hold the low-
side driver on permanently. Either the power or EN must
be recycled to clear the latch. The latch is disabled
Applications Information (Cont.)
during soft-start and VID/DeeperSleep transitions. For
safety, the latch is enabled if the FB voltage exceeds 1.7V
even during VID transitions.
The device will be disabled and latched off when the
internal junction temperature reaches approximately
160°C. Either the power or EN must be recycled to clear
the latch.
Power Monitor:
The SC473 adds a power monitor feature to accurately
predict the graphics CPU power consumption. The power
monitor output depends on the current sensing methodol-
ogy used. The following diagram and equation predict the
ideal PMON output.
Similar exercise can be done for R-SENSE configuration
as shown below:
Power Monitor Implementation for SC473 (DCR Sense)
L1
R33
5k
+Vcc_core
R27
16.2k
R24
18.2k
TH2
33k
R30
R28
RDCR
C54
DRN
I LOAD
IR33
DC Voltage Between Two Terminals is:
VDCR = I LOAD x RDCR
Voltage
Between these
two terminals is
Veq
Req = Parallel
Combination of Resistors
shown in the box
VR33
CS+
CS-
28.5
Vcc_core
R33
V
PMON_Ideal
R33
IR33
VR33
R33)
R30
(R28
Veq
IR33
R27)
(Req
Req)
x
(VDCR
Veq
R33)
+
R30
+
R28
+
R24
+
(TH2
R33)
+
R30
+
R24)(R28
+
(TH2
=
Req



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com