Electronic Components Datasheet Search
  English  ▼

X  

SC473 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC473 Datasheet HTML 10Page - Semtech Corporation SC473 Datasheet HTML 11Page - Semtech Corporation SC473 Datasheet HTML 12Page - Semtech Corporation SC473 Datasheet HTML 13Page - Semtech Corporation SC473 Datasheet HTML 14Page - Semtech Corporation SC473 Datasheet HTML 15Page - Semtech Corporation SC473 Datasheet HTML 16Page - Semtech Corporation SC473 Datasheet HTML 17Page - Semtech Corporation SC473 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Typical Characteristics
Nominal Load Regulation vs. Output Current
VOUT = 1.1500V Min-Max limits @ +/- 1%
1.1200
1.1300
1.1400
1.1500
1.1600
1.1700
1.1800
0.00 2.00 4.00 6.00 8.00 10.00 12.00 14.00 16.00 18.00 20.00 22.00 24.00 26.00 28.00 30.00 32.00 34.00
Output Current (A)
19V
9V
Min
Nom
Max
Figure 1 – Nominal Mode Line and Load Regulation
Battery Load Regulation vs. Output Current
VOUT = 0.97500V Min-Max limits @ +/- 1%
0.9400
0.9500
0.9600
0.9700
0.9800
0.9900
1.0000
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
22.00
24.00
Output Current (A)
19V
9V
Min
Nom
Max
Figure 2 – Battery Mode Line and Load Regulation
Nominal Efficiency vs. Output Current
VOUT = 1.1500V
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0.00 2.00 4.00 6.00 8.00 10.00 12.00 14.00 16.00 18.00 20.00 22.00 24.00 26.00 28.00 30.00 32.00 34.00
Output Current (A)
19V
9V
Figure 3 – Nominal Mode Efficiency v/s Output Current
Battery Efficiency vs. Output Current
VOUT = 0.97500V
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
22.00
24.00
Output Current (A)
19V
9V
Figure 4 – Battery Mode Efficiency v/s Output Current
Frequency vs. VIN
VOUT = 1.1500V @ 30A
0
100000
200000
300000
400000
500000
8.00
9.00
10.00
11.00
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
VIN (V)
VIN
Figure 5 – Nominal Mode Frequency v/s Input Voltage
PMON Error vs. Current
VOUT = 1.1500V
-20
-10
0
10
20
30
40
50
60
4.00
9.00
14.00
19.00
24.00
29.00
34.00
Iout (A)
DCR SENSE
Figure 6 – Typical PMON Error v/s Output Current
*Above performance graphs correspond to Applications Schematic on page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com