Electronic Components Datasheet Search
  English  ▼

X  

SC2620SETRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC2620SETRT
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620SETRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC2620SETRT Datasheet HTML 2Page - Semtech Corporation SC2620SETRT Datasheet HTML 3Page - Semtech Corporation SC2620SETRT Datasheet HTML 4Page - Semtech Corporation SC2620SETRT Datasheet HTML 5Page - Semtech Corporation SC2620SETRT Datasheet HTML 6Page - Semtech Corporation SC2620SETRT Datasheet HTML 7Page - Semtech Corporation SC2620SETRT Datasheet HTML 8Page - Semtech Corporation SC2620SETRT Datasheet HTML 9Page - Semtech Corporation SC2620SETRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Typical Characteristics
Feedback Voltage vs Temperature
0.97
0.98
0.99
1.00
1.01
1.02
-50 -25
0
25
50
75
100 125
Temperature (°C)
VIN = 5V
Switch Saturation Voltage
vs Switch Current
100
200
300
400
0.0
0.5
1.0
1.5
2.0
2.5
Switch Current (A)
25°C
125°C
-40°C
SS Shutdown Threshold
vs Temperature
0.20
0.25
0.30
0.35
0.40
-50-25
0
25
50
75100 125
Temperature (°C)
VSS1 = VSS2
Boost Pin Current
vs Switch Current
0
20
40
60
80
0.0
0.5
1.0
1.5
2.0
2.5
Switch Current (A)
125°C
-40°C
VIN = 5V
VBST = 8V
Frequency Setting Resistor
vs Channel Frequency
10
100
1000
0.0
0.5
1.0
1.5
Frequency (MHz)
VIN = 5V
Normalized Channel
Frequency vs Temperature
0.90
0.95
1.00
1.05
1.10
-50
-25
0
25
50
75
100 125
Temperature (°C)
600kHz
1.4MHz
Switch Current Limit
vs Temperature
2.6
2.8
3.0
3.2
3.4
3.6
-50
-25
0
25
50
75
100 125
Temperature (°C)
VIN Shutdown Current vs VIN
0
50
100
150
200
0
5
10
15
20
25
30
VIN (V)
TA = 25°C
VSS1 = VSS2 = 0
VIN Quiescent Current vs VIN
0
1
2
3
4
0
5
10
15
20
25
30
VIN (V)
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com