Electronic Components Datasheet Search
  English  ▼

X  

SC2620SETRT Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC2620SETRT
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620SETRT Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC2620SETRT Datasheet HTML 18Page - Semtech Corporation SC2620SETRT Datasheet HTML 19Page - Semtech Corporation SC2620SETRT Datasheet HTML 20Page - Semtech Corporation SC2620SETRT Datasheet HTML 21Page - Semtech Corporation SC2620SETRT Datasheet HTML 22Page - Semtech Corporation SC2620SETRT Datasheet HTML 23Page - Semtech Corporation SC2620SETRT Datasheet HTML 24Page - Semtech Corporation SC2620SETRT Datasheet HTML 25Page - Semtech Corporation SC2620SETRT Datasheet HTML 26Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
25
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Typical Application Circuits
R3
60.4k
SC2620
GND
SS2
PVIN
SW1
FB2
ROSC
COMP2
C9
47pF
11.3k
BOOST1
C1
22
µF
BOOST2
SW2
L1
22
µH
C2
0.1
µF
L2
10
µH
C4
0.1
µF
SS1
PGOOD1
COMP1
FB1
C3
D1
UPS140
D2
UPS140
R9
82.5k
OUT1
5V/2A
11.5k
R4
15.0k
R2
R1
5.76k
C7
0.1
µF
C10
0.1
µF
2.2nF
R5
R7
12.4k
C5
C8
2.7nF
D4
1N4148
L1 : Coiltronic DR74
OUT2
1.5V/2A
D3
1N4148
12-30V
L2 : Coiltronic DR73
47
µF
C6
68pF
C1 : Murata GRM21BR60J226M
C3 : Murata GRM31CR60J 476M
10
R10
C15
10
µF
VIN
C12
47pF
C11
47pF
C16
0.1
µF
C15: Murata GRM32DF51H106Z
Efficiency
40
45
50
55
60
65
70
75
80
85
90
0
0.5
1
1.5
2
Load Current (A)
VOUT1 = 5V
VOUT2 = 1.5V
VIN = 12V
Efficiency
40
45
50
55
60
65
70
75
80
85
90
00.5
11.5
2
Load Current (A)
VOUT1 = 5V
VOUT2 = 1.5V
VIN = 24V
Figure 18(a). 350kHz 12V-30V Input to 5V and 1.5V Step-down Converter. Notice that Channel 2 is bootstrapped
from OUT1. Channel 2 will be held off if OUT1 voltage is below 90% of its set value.
2
µs/div
CH1 : SW1 Voltage, 10V/div
CH2 : SW2 Voltage, 10V/div
Figure 18(b). Switching Waveforms. I
OUT1= IOUT2= 1A.
V IN = 30V
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com