Electronic Components Datasheet Search
  English  ▼

X  

SC2620SETRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC2620SETRT
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620SETRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC2620SETRT Datasheet HTML 15Page - Semtech Corporation SC2620SETRT Datasheet HTML 16Page - Semtech Corporation SC2620SETRT Datasheet HTML 17Page - Semtech Corporation SC2620SETRT Datasheet HTML 18Page - Semtech Corporation SC2620SETRT Datasheet HTML 19Page - Semtech Corporation SC2620SETRT Datasheet HTML 20Page - Semtech Corporation SC2620SETRT Datasheet HTML 21Page - Semtech Corporation SC2620SETRT Datasheet HTML 22Page - Semtech Corporation SC2620SETRT Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
 2006 Semtech Corp.
www.semtech.com
SC2620
POWER MANAGEMENT
Applications Information
This is also equal to


+
2
1
2
5
MA
OUT
MP
R
R
R
R
G
R
G
. Therefore
n
10
R
C
R
R
R
R
G
R
G
OUT
1
S
2
1
2
5
MA
OUT
MP
ω
=


+
.
Re-arranging,
MA
MP
1
S
2
1
5
G
nG
10
C
R
R
1
R
ω


+
=
(11)
ω
z1 is shown to be less than ωp2 in Figure 12. Making
60
6
S
C
1
z
ω
=
ω
=
ω
gives a first-order estimate of C
5:
5
S
5
R
60
C
ω
≈
(12)
Notice that R
5 determines the mid-band loop gain of the
converter. Increasing R
5 increases the mid-band gain and
the crossover frequency. However it reduces the phase
margin. C
6 is a small ceramic capacitor to roll off the loop
Bode Plots of Control-to-Ouput, Output-to-Control and the Overall Loop Gain.
Control-to-output transfer function is shown with two poles near half the
switching frequency
ω
S.
Figure 12.
2
p
ω
1
OUT C
R
n
5
OC
R
1
1
p
ω
3
p
ω
6
5 C
R
1
5
5 C
R
1
1
Z
ω
C
ω
ω
Gain
2
S
ω
OUT
MPR
G


+
2
1
2
O
MA
R
R
R
R
G


+
2
1
2
5
MA
R
R
R
R
G
n
R
C
OUT
1
C
ω
)
j
(
T
ω
OUT
COMP
v
v
Control-to-Output
Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com