Electronic Components Datasheet Search
  English  ▼

X  

SC4620 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC4620
Description  Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4620 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC4620 Datasheet HTML 5Page - Semtech Corporation SC4620 Datasheet HTML 6Page - Semtech Corporation SC4620 Datasheet HTML 7Page - Semtech Corporation SC4620 Datasheet HTML 8Page - Semtech Corporation SC4620 Datasheet HTML 9Page - Semtech Corporation SC4620 Datasheet HTML 10Page - Semtech Corporation SC4620 Datasheet HTML 11Page - Semtech Corporation SC4620 Datasheet HTML 12Page - Semtech Corporation SC4620 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
 2007 Semtech Corp.
www.semtech.com
SC4620
POWER MANAGEMENT
Pin Descriptions
Pin
MLPQ-20 Pin Name
Pin Functions
1,2
PVIN
Power supply voltage for high side MOSFETs.
3
ISET
Current limit setting pin. A resistor connected between ISET and AGND sets the over current
protection threshold. A ceramic decoupling between ISET pin to AGND have to be reserved to
prevent from noise influence.
4
SS
Soft start time setting pin. A cap connected from this pin to GND sets the soft start up time.
5
FS
Oscillator frequency setting pin. An external resistor connected from this pin to GND sets the
oscillator frequency.
6
PGOOD Power good indicator. It is an open drain output. Low when the output is below the power good
threshold level.
7,12
VCC
Power supply voltage for the analog section of the controller.
8,19,20
NC
No connection.
9
SYNC/EN
The oscillator frequency of the SC4624A is set by FS when SYNC/EN is pulled and held above
2V. Its synchronous mode is activated as SYNC/EN is driven by an external clock. Its shutdown
mode is invoked if SYNC/EN is pulled and held below 0.8V.
10
COMP
This is the output of the error amplifier. The voltage at this point is connected to the inverting
input of the PWM comparator. A compensation network is required in order to optimize the dy-
namic performance of the voltage mode control loop.
11
FB
The inverting input of the error amplifier. It serves as the output voltage feedback point for the
buck controller. It senses the output voltage through an external divider.
13
AGND
Analog signal ground.
14,15
PGND
Power ground.
16,17,18
PH
Switching nodes
THERMAL
PAD
Pad for heatsinking purposes only. Connect to ground plane using multiple vias. Not electrically
connected internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com