Electronic Components Datasheet Search
  English  ▼

X  

SC4620 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4620
Description  Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4620 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4620 Datasheet HTML 11Page - Semtech Corporation SC4620 Datasheet HTML 12Page - Semtech Corporation SC4620 Datasheet HTML 13Page - Semtech Corporation SC4620 Datasheet HTML 14Page - Semtech Corporation SC4620 Datasheet HTML 15Page - Semtech Corporation SC4620 Datasheet HTML 16Page - Semtech Corporation SC4620 Datasheet HTML 17Page - Semtech Corporation SC4620 Datasheet HTML 18Page - Semtech Corporation SC4620 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
19
 2007 Semtech Corp.
www.semtech.com
SC4620
POWER MANAGEMENT
Outline Drawing - MLPQ - 20
DIMENSIONS
K
H
G
Z
X
P
(C)
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
4.80
.189
Z
Y
FAILURE TO DO SO MAY COMPROMISE THE THERMAL AND/OR
THERMAL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
FUNCTIONAL PERFORMANCE OF THE DEVICE.
2.
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
1.
DIM
X
Y
H
K
P
C
G
MILLIMETERS
INCHES
(3.95)
.010
.033
.122
.020
.106
.106
(.156)
0.25
0.85
2.70
0.50
2.70
3.10
bxN
bbb
C A B
D1
E1
e
D/2
.001
MAX
.002
-
.039
NOM
0.80
0.02
(0.20)
0.90
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
NOTES:
2.
1.
1
2
N
E1 .100 .106 .110 2.55 2.70 2.80
PIN 1
INDICATOR
4.10
3.90
4.00 4.10
3.90
.157
.154
.161
.154
.161
aaa C
A
C
(LASER MARK)
D
E
B
A1
A
A2
SEATING
PLANE
LxN
E/2
INCHES
.020 BSC
b .007
bbb
aaa
N
D1
E
L
e
D
.012
.100
DIM
A1
A2
A
MIN
.000
-
.031
0.30
0.18
.012
0.25
.010
0.50
2.80
0.30
2.55
.004
.004
20
.016
.157
.106
.020
.110
0.10
0.10
20
0.40
4.00
2.70
0.50 BSC
MILLIMETERS
MAX
0.05
-
1.00
DIMENSIONS
MIN
0.00
-
NOM
(.008)
.035
Land Pattern - MLPQ - 20
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 Fax: (805) 498-3804
Contact Information
www.semtech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com