Electronic Components Datasheet Search
  English  ▼

X  

SC4620 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4620
Description  Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4620 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4620 Datasheet HTML 11Page - Semtech Corporation SC4620 Datasheet HTML 12Page - Semtech Corporation SC4620 Datasheet HTML 13Page - Semtech Corporation SC4620 Datasheet HTML 14Page - Semtech Corporation SC4620 Datasheet HTML 15Page - Semtech Corporation SC4620 Datasheet HTML 16Page - Semtech Corporation SC4620 Datasheet HTML 17Page - Semtech Corporation SC4620 Datasheet HTML 18Page - Semtech Corporation SC4620 Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
 2007 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4620
Operation
Application Information (Cont.)
Application Information (Cont.)
Layout Guidelines
In order to achieve optimal thermal and noise immunity
for high frequency converters, special attention must be
paid to the PCB layout. The goal of layout optimization
is to minimize the high di/dt loops and reduce ground
bounce.
Output voltage setting, line regulation, stability , switching
frequency and OCP trip point shifted are affected by a
poor layout. The following guidelines should be used to
ensure proper functions of the converters.
Both Power ground (PGND) and signal ground (AGND)
are separated.
A ground plane is recommended to minimize noise
and copper losses, and maximize heat dissipation.
Start the PCB layout by placing the power components
first. Arrange the power circuit to achieve a clean
power flow route.
Minimize all high di/dt loops. These loops pass high
di/dt current. Make sure the trace width is wide
enough to reduce copper losses in this loop. Ground
bounce happen to magnetic flux changed and it is
proportional to a magnetic filed which goes through
high di/dt loops.
The input ceramic capacitor (C
IN) should be close to
PV
IN pins and PGND pins.
Both input ceramic capacitor gnd and output ceramic
capacitor gnd are at same port.
A RC snubber circuit between PV
IN and PH pins is
helpful for stability operation. Be careful with power
derating of snubber circuit.
The V
CC bypass capacitor should be placed next to the
V
CC and AGND pins.
The OCP setting resistor (R
ISET) and filter capacitor
(C
ISET) should be placed next to the ISET and AGND
pins.
Feedback divider connects to output connector by
Kelvin connection and far away from the noise sources
such as switching node and switching components.
A multilayer chip beads between AGND and PGND
will reduce the ground bounce injected to the “quiet”
circuit. It’s helpful for stability operation.
A large copper area underneath the SC4624 IC is
necessary for heat sinking purpose. And multiple
layers of large copper area connected through vias
can be used for better thermal performance. The size
of the vias as the connection between multiple layers
should not be too large or solder may seep through
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
the big vias to the bottom layer during the re-flow
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com