Electronic Components Datasheet Search
  English  ▼

X  

HT7500 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7500
Description  Clinical Thermometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7500 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7500 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT7500
Clinical Thermometer
Block Diagram
Rev. 1.10
1
November 27, 2001
Features
· Single-chip CMOS construction
· Single 1.5V battery operation
· Measurement range: +32.0~+42.0°C
(+90.0~+108.0
°F)
Measurement accuracy:
±0.1°C(±0.2°F)
Resolution: 0.1
°C (0.1°F)
· Bonding option for Centigrade/Fahrenheit measure-
ment
· Alarm warning for fever
· Highest temperature hold
· Auto power off after 8 min 40 sec
· One-key input switch for ON/OFF
· Displays last time measured temperature
General Description
The HT7500 is a CMOS digital clinical thermometer IC
for measuring body temperature in Centigrade (
°C) or
Fahrenheit (
°F) mode by its bonding option. It also pro-
vides alarm and auto power off functions. The other
electronic components are LCD display, thermister,
1.5V battery, ON/OFF switch, buzzer, resistors and ca-
pacitors.
S y s t e m
O S C
C o u n t e r a n d
C o m p a r a t o r
T I M E R
C o n t r o l
C i r c u i t
S e n s o r
O S C
P u l s e
G e n e r a t o r
V o l t a g e
D o u b l e r
C o u n t e r ,
C o m p a r a t o r a n d
L a t c h
P u l s e
T a b l e
L C D D r i v e r
O S C I
O S C O
T E S T 2
P S W
C L . H
R .
R S
S C
V D D
V S S
C O M 1 ~ 3
S A 1 ~ S D 1
C 5 1 2
C A P
V E E
L O W C
B Z 1
B Z 2


Similar Part No. - HT7500

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
Clinical Thermometer
August 8, 2000
More results

Similar Description - HT7500

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7500 HOLTEK-HT7500 Datasheet
94Kb / 8P
Clinical Thermometer
August 8, 2000
HT7501 HOLTEK-HT7501 Datasheet
238Kb / 7P
Clinical Thermometer
8th Feb 99
HT7510 HOLTEK-HT7510 Datasheet
331Kb / 8P
Clinical Thermometer
10th Feb 99
logo
List of Unclassifed Man...
JA31106 ETC-JA31106 Datasheet
154Kb / 7P
One-Decimal Clinical Thermometer
logo
Integral Corp.
IZ8005 INTEGRAL-IZ8005 Datasheet
234Kb / 6P
CLINICAL THERMOMETER
logo
Fortune Semiconductor C...
FS9168-001 FORTUNE-FS9168-001 Datasheet
1Mb / 18P
FS9168 standard code for digital clinical thermometer application
FS9168-015 FORTUNE-FS9168-015 Datasheet
1Mb / 18P
FS9168 standard code for digital clinical thermometer application
logo
SHENZHEN FUMAN ELECTRON...
TC31106D FUMAN-TC31106D Datasheet
324Kb / 7P
One-Decimal Clinical Thermometer
logo
Advantech Co., Ltd.
PAX-121 ADVANTECH-PAX-121 Datasheet
646Kb / 3P
21.5" Clinical Display
8-Nov-2022
PAX-124 ADVANTECH-PAX-124 Datasheet
650Kb / 3P
23.8" Clinical Display
8-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com