Electronic Components Datasheet Search
  English  ▼

X  

HT7500 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7500
Description  Clinical Thermometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7500 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7500 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
1.3
1.5
1.65
V
IDD
Operating Current
1.5V
No load
¾
60
100
mA
ISTB
Standby Current
1.5V
¾¾
¾
1.0
mA
fOSC
Oscillating Frequency
1.5V
ROSC=820k
W
25.6
32
38.4
kHz
R
°C
Temperature Measurement Accuracy
at Range 35
°C~39°C
¾¾
-0.1
¾
0.1
°C
R
°F
Temperature Measurement Accuracy
at Range 95
°F~102°F
¾¾
-0.2
¾
0.2
°F
LCD Electrode Pattern
SA1
SA2
SA3
SB1
SB2
SB3
SC1
SC2
SC3
SD1
COM1
F1
A1
B1
F2
A2
B2
F3
A3
B3
A4
COM2
E1
G1
C1
E2
G2
C2
E3
G3
C3
B4
COM3
H1
D1
¾¾
D2
H2
¾
D3
H3
C4
Note: 1/3 duty, 1/2 bias (LCD uses 3V)
HT7500
Rev. 1.10
4
November 27, 2001
Function Description
· Power sw: push switch to power on or power off.
· When power on: push the switch, then it will generate
a
²beep² sound for 0.125 sec.
a. First displays all the segments on for 2 sec.
b. After a. as described above, then shows the last
time measured temperature for 2 sec.
c. After b., shows L
°Cor °F for 0.75 sec.
d. After c., displays the measured temperature,
then
°Cor °F mark will flash at a speed of 1Hz.
e. If the temperature is < 32
°C (or 90°F), the display
shows L
°C (or °F).
f. If the temperature
³ 42°C (or 108°F the display
shows H
°C (or °F).
g. The display always shows the higher temperature
during the temperature measurement.
h. If the measured temperature does not change for
more than 16 sec., the measurement is over and
the
°C (or °F) mark flash stops.
i. When measurement is over, if the
temperature > 37.5
°C (or 99.5°F) the
buzzer alarms
²beep-beep-beep-beep-
beep-beep-
² for 4 sec, as follows:
if the temperature
£ 37.5°C (or 99.5°F), the
buzzer alarms
²beep-beep-beep-beep-² for
4 sec, as follows:
· j. It will automatically turn the power off when
measurement is over for 8 min 40 secretary.
B I
B I
0 . 1 2 5 S 0 . 1 2 5 S 0 . 1 2 5 S 0 . 1 2 5 S
B I
0 . 1 2 5 S 0 . 1 2 5 S 0 . 3 7 5 S
B I
0 . 5 S
0 . 5 S
H 1
. 1
E 1
D 1
C 1
B 1
A 1
G 1
B 2
B 3
A 2
A 3
C 2
C 3
G 2
G 3
E 2
E 3
. 2
. 3
D 2
D 3
H 1
A 4
B 4
C 4
H 3
H 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com