Electronic Components Datasheet Search
  English  ▼

X  

HT7500 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7500
Description  Clinical Thermometer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7500 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7500 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7500 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pad Description
Pad No.
Pad Name
I/O
Function
1
LOWC
B
For the supply voltage detector, open the pin when not in use.
2
VSS
¾
Negative power supply, GND
3
SC
B
Common point, NMOS open drain
4
RF
O
Connect reference resistor, PMOS open drain
5
RS
O
Connect sensor resistor, PMOS open drain
6
VDD
¾
Positive power supply
7
PSW
I
Pull-low input pin, push switch to turn power on or off
8
TEST2
I
Pull-low test pin, for production test, floating LCD displays the real time value,
when connected to VDD, LCD displays the highest value.
9
CLFH
I
Floating for
°C, connect to VDD for °F
10
OSCI
I
For system oscillator in
11
OSCO
O
For system oscillator out
12
BZ1
O
Buzzer output 1
13
BZ2
O
Buzzer output 2
14~16
COM1~COM3
O
LCD backplane drive, 3-level voltage out
17~19
SA1~SA3
O
LCD segment drive
20~22
SB1~SB3
O
LCD segment drive
23~25
SC1~SC3
O
LCD segment drive
26
SD1
O
LCD segment drive
27
VEE
O
Generate negative voltage (
-1.5V)
28
CAP
O
For negative voltage, NMOS output
29
C512
O
For negative voltage, inverter output
30
TV
B
Test pin for IC
31
TEST1
I
Test pin for IC
32
TIM
I
Test pin for IC
33
TS816
I
Test pin for IC
Absolute Maximum Ratings
Supply voltage...............................................0V to 2.0V
Operation Temperature........................
-2.0°Cto+75°C
Input voltage ..............................VSS
-0.5V to VDD+0.5V
Storage Temperature ..........................
-55°C to +125°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT7500
Rev. 1.10
3
November 27, 2001



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com