Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 4Page - Texas Instruments TMS320DM6437 Datasheet HTML 5Page - Texas Instruments TMS320DM6437 Datasheet HTML 6Page - Texas Instruments TMS320DM6437 Datasheet HTML 7Page - Texas Instruments TMS320DM6437 Datasheet HTML 8Page - Texas Instruments TMS320DM6437 Datasheet HTML 9Page - Texas Instruments TMS320DM6437 Datasheet HTML 10Page - Texas Instruments TMS320DM6437 Datasheet HTML 11Page - Texas Instruments TMS320DM6437 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 309 page
background image
www.ti.com
TMS320DM6437
Digital Media Processor
SPRS345B – NOVEMBER 2006 – REVISED MARCH 2007
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 3.7
Section 3.7, Multiplexed Pin Configurations:
Figure 3-11, Pin Mux Block Selection:
Updated/Changed "B. EMIFA/VPSS Block:" footnote for clarity
Section 3.6.1
Section 3.6.1, Switch Central Resource (SCR) Bus Priorities:
Added Table 3-14, MSTPRI0 Register Bit Description
Added Table 3-15, MSTPRI1 Register Bit Description
Section 3.7.1
Section 3.7.1, Pin Muxing Selection At Reset:
EMIFA/VPSS Block bullet:
Updated/Changed sub-bullets "AEM[2:0] = 000b, 011b, 100b, and 101b to "... AEAW[2:0] = don't care ..."
Section 3.7.2.2
Section 3.7.2.2, PINMUX1 Register Description:
Figure 3-13, PINMUX1 Register:
Updated/Changed the LEGEND for Bit 0, "PCIEN" from "R/W-P" to "R-P".
Table 3-20, PINMUX1 Register Bit Descriptions:
Added the "The PCIMUX.PCIEN reflects the state of the PCIEN ..." paragraph to the Bit 0, PCIEN
description.
Section 3.7.3.1
Section 3.7.3.1, Multiplexed Pins on DM6437:
Table 3-21, Multiplexed Pins on DM6437:
Updated/Changed the "R1/EM_BA[0]/GP[7]/(AEM2)" signal name to "R1/EM_A[0]/GP[7]/(AEM2)"
Section 3.7.3.8
Section 3.7.3.8, Timer0 Block:
Added "GPIO" to the "This block of 2 pins consists of ... muxed pins." paragraph.
Section 3.7.3.9
Section 3.7.3.9, Timer1 Block:
Added "GPIO" to the "This block of 2 pins consists of ... muxed pins." paragraph.
Section 3.7.3.13.3
Section 3.7.3.13.3, EMIFA/VPSS Sub-Block 0 Configuration Choices:
After Table 3-49, EMIFA/VPSS Sub-Block 0 Configuration Choice G:
Updated/Changed "The PINMUX Selection Fields columns indicate ..." bullet from "... (based on the
system's need for VPBE ..." to "... (based on the system's need for VPFE ..."
Section 3.7.3.13.4
Section 3.7.3.13.4, EMIFA/VPSS Sub-Block 1 Configuration Choices:
Added "and VPBECKEN" to step 3. "Within the chosen Minor Configuration Option, ..."
Section 3.8
Section 3.8, Device Initialization Sequence After Reset:
Added "Special Considerations:" paragraph to step 8.a.
Section 6.3.4
Section 6.3.4, DM6437 Power and Clock Domains:
Updated/Changed Figure 6-5, PLL1 Structure Block Diagram
Section 6.4.2
Section 6.4.2, EDMA Peripheral Register Description(s):
Table 6-7, DM6437 EDMA Registers:
Added 0x01C0 0608 "QSTAT2" "Queue 2 Status Register"
Added "Command" to the register name for all RDRATE registers
Deleted "Source" from all SABIDX register names
Updated/Changed "BIDX" to "B-Index" for DFBIDX0 through DFBIDX3 register names
Section 6.5.3
Section 6.5.3, Maximum Reset:
Added "To invoke the maximum reset via the ICEPICK ..." sentence before the Max Reset Sequence
Section 6.8
Section 6.8, Interrupts:
Updated document reference in the "For more details on DSP interrupt ..." sentence
Deleted "and the generation of AEG events" from the "Also, the interrupt controller controls the generation
..." sentence
Updated/Changed "Table 6-21. DM6437 DSP Interrupts" title to "Table 6-21. DM6437 DSP System
Event Mapping"
Updated/Changed "DSP Interrupt Number" column header to "DSP System Event Number"
Revision History
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com