Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6437 Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6437
Description  Digital Media Processor
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6437 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320DM6437 Datasheet HTML 78Page - Texas Instruments TMS320DM6437 Datasheet HTML 79Page - Texas Instruments TMS320DM6437 Datasheet HTML 80Page - Texas Instruments TMS320DM6437 Datasheet HTML 81Page - Texas Instruments TMS320DM6437 Datasheet HTML 82Page - Texas Instruments TMS320DM6437 Datasheet HTML 83Page - Texas Instruments TMS320DM6437 Datasheet HTML 84Page - Texas Instruments TMS320DM6437 Datasheet HTML 85Page - Texas Instruments TMS320DM6437 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 309 page
background image
www.ti.com
3.3.2
VPSS Clocks
TMS320DM6437
Digital Media Processor
SPRS345B – NOVEMBER 2006 – REVISED MARCH 2007
The Video Processing SubSystem (VPSS) clocks are controlled via the VPSS_CLKCTL register. The
VPSS_CLKCTL register format is shown in Figure 3-2 and the bit field descriptions are given in Table 3-4.
31
16
RESERVED
R-0000 0000 0000 0000
15
5
4
3
2
1
0
DAC
VEN
PCLK
RESERVED
MUXSEL
CLKEN
CLKEN
INV
R-0000 0000 000
R/W-0
R/W-0
R/W-0
R/W-00
LEGEND: R = Read; W = Write; -n = value after reset
Figure 3-2. VPSS_CLKCTL Register
Table 3-4. VPSS_CLKCTL Register Bit Description
BIT
NAME
DESCRIPTION
31:5
RESERVED
Reserved. Read-only, writes have no effect.
Video DAC clock enable.
4
DACCLKEN
0 = DAC clock disabled [default].
1 = DAC clock enabled.
Video Encoder clock enable.
3
VENCLKEN
0 = VENC clock disabled [default].
1 = VENC clock enabled.
PCLK polarity
2
PCLKINV
0 = VPSS receives normal PCLK [default].
1 = VPSS receives inverted PCLK.
VPBE (Video Encoder and DAC) clock selection
SETTING
VENC CLK
DAC CLK
00 [default]
27 MHz(a)
27 MHz(a)
01
54 MHz(b)
54 MHz(b)
1:0
MUXSEL(1)(2)
10
VPBECLK Input
VPBECLK Input
11
PCLK (or Inverted PCLK)
OFF
(a) The 27-MHz clock comes from PLLC1 SYSCLKBP.
(b) The 54-MHz clock comes from PLLC2 PLL2_SYSCLK2.
(1)
MUXSEL = 00 selects PLLC1 SYSCLKBP as the clock source to the VPBE. The PLLC1 SYSCLKBP is a 27-MHz clock if the following
settings are true:
a.
MXI/CLKIN clock source is 27 MHz.
b.
PLLC1 Bypass Divider Register (BPDIV) is left at the default setting of divide-by-1.
(2)
MUXSEL = 01 selects PLLC2 PLL2_SYSCLK2 as the clock source to the VPBE. The PLLC2 PLL2_SYSCLK2 is a 54-MHz clock if the
following settings are true:
a.
MXI/CLKIN clock source is 27 MHz.
b.
PLLC2 is in PLL Mode with multiplier x20 to generate a PLL output clock of 27 MHz x 20 = 540 MHz.
c.
PLLDIV2.RATIO is left at the default setting of divide-by-10 to generate SYSCLK2 = 54 MHz.
For more details on the different methods and software sequence to clock (gate) the VPBE components,
see the TMS320DM643x DMP Video Processing Back End (VPBE) User’s Guide (literature number
SPRU952).
Device Configurations
82
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com