Electronic Components Datasheet Search
  English  ▼

X  

ST10F273 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST10F273
Description  16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F273 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST10F273 Datasheet HTML 56Page - STMicroelectronics ST10F273 Datasheet HTML 57Page - STMicroelectronics ST10F273 Datasheet HTML 58Page - STMicroelectronics ST10F273 Datasheet HTML 59Page - STMicroelectronics ST10F273 Datasheet HTML 60Page - STMicroelectronics ST10F273 Datasheet HTML 61Page - STMicroelectronics ST10F273 Datasheet HTML 62Page - STMicroelectronics ST10F273 Datasheet HTML 63Page - STMicroelectronics ST10F273 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 179 page
background image
General purpose timer unit
ST10F273
60/179
Figure 8.
Block diagram of GPT1
Table 36.
GPT1 timer input frequencies, resolutions and periods at 64 MHz
fCPU = 64 MHz
Timer Input Selection T2I / T3I / T4I
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler
factor
8
16
32
64
128
256
512
1024
Input Freq
8MHz
4MHz
2MHz
1 kHz
500 kHz
250 kHz
128 kHz
64 kHz
Resolution
125ns
250ns
0.5µs
1.0µs
2.0µs
4.0µs
8.0µs
16.0µs
Period
maximum
8.2ms
16.4ms
32.8ms
65.5ms
131.1ms
262.1ms
524.3ms
1.049s
2n n=3...10
2n n=3...10
2n n=3...10
T2EUD
T2IN
CPU clock
CPU clock
CPU clock
T3IN
T4IN
T3EUD
T4EUD
GPT1 timer T2
GPT1 timer T3
GPT1 timer T4
T3OTL
Reload
Capture
U/D
U/D
Reload
Capture
Interrupt
request
Interrupt
request
Interrupt
request
T3OUT
U/D
T2
mode
control
T3
mode
control
T4
mode
control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com