Electronic Components Datasheet Search
  English  ▼

X  

DS3501UT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3501UT
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501UT Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3501UT Datasheet HTML 1Page - Maxim Integrated Products DS3501UT Datasheet HTML 2Page - Maxim Integrated Products DS3501UT Datasheet HTML 3Page - Maxim Integrated Products DS3501UT Datasheet HTML 4Page - Maxim Integrated Products DS3501UT Datasheet HTML 5Page - Maxim Integrated Products DS3501UT Datasheet HTML 6Page - Maxim Integrated Products DS3501UT Datasheet HTML 7Page - Maxim Integrated Products DS3501UT Datasheet HTML 8Page - Maxim Integrated Products DS3501UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
_____________________________________________________________________
3
ANALOG VOLTAGE MONITORING CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Resolution
LSB
Full-scale voltage of 6.5536V
25.6
mV
Input/Supply Accuracy
ACC
At factory setting
0.25
1
% FS
(Full
Scale)
Input Supply Offset
VOS
(Note 7)
0
5
LSB
Update Rate (Temperature and
Supply Conversion Time)
tFRAME
16
ms
TEMPERATURE SENSOR CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Error
±5
°C
Update Rate (Temperature and
Supply Conversion Time)
tFRAME
16
ms
VOLTAGE-DIVIDER CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Integral Nonlinearity
INL
(Note 8)
-1
+1
LSB
Differential Nonlinearity
DNL
(Note 9)
-0.5
+0.5
LSB
Zero-Scale Error
ZSERROR
V+ = 4.5V
(Note 10)
0
0.5
2
LSB
Full-Scale Error
FSERROR
V+ = 4.5V
(Note 11)
-2
-0.003
0
LSB
Ratiometric Temp Coefficient
TCV
WR set to 40h
±4
ppm/°C
I2C AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +100°C, timing referenced to VIL(MAX) and VIH(MIN). See Figure 3.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 12)
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (Repeated) START
Condition
tHD:STA
0.6
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com