Electronic Components Datasheet Search
  English  ▼

X  

DS3501UT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS3501UT
Description  High-Voltage, NV, I2C POT with Temp Sensor and Lookup Table
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3501UT Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS3501UT Datasheet HTML 1Page - Maxim Integrated Products DS3501UT Datasheet HTML 2Page - Maxim Integrated Products DS3501UT Datasheet HTML 3Page - Maxim Integrated Products DS3501UT Datasheet HTML 4Page - Maxim Integrated Products DS3501UT Datasheet HTML 5Page - Maxim Integrated Products DS3501UT Datasheet HTML 6Page - Maxim Integrated Products DS3501UT Datasheet HTML 7Page - Maxim Integrated Products DS3501UT Datasheet HTML 8Page - Maxim Integrated Products DS3501UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High-Voltage, NV, I2C POT with Temp Sensor
and Lookup Table
_____________________________________________________________________
5
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
20
70
120
170
220
-40
0
-20
20
40
60
80
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
LUT MODE
DEFAULT MODE
V+ = 15.5V, VCC = 5V
SDA = SCL = VCC; RH, RL, RW ARE FLOATING
20
70
170
120
220
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.7
4.1
5.5
LUT MODE
DEFAULT MODE
V+ = 15.5V
SDA = SCL = VCC; RL, RH, RW ARE FLOATING
30
32
31
34
33
35
36
-40
20
40
-20
0
60
80
100
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
LUT MODE
DEFAULT MODE
V+ = 15.5V, VCC = 5V
SDA = SCL = VCC; RH, RL, RW ARE FLOATING
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
032
16
48
64
80
96
112
INTEGRAL NONLINEARITY
vs. POTENTIOMETER SETTING
POTENTIOMETER SETTING (DEC)
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
032
16
48
64
80
96
112
DIFFERENTIAL NONLINEARITY
vs. POTENTIOMETER SETTING
POTENTIOMETER SETTING (DEC)
Pin Description
NAME
PIN
DESCRIPTION
SDA
1
I2C Serial Data. Input/output for I2C data.
GND
2
Ground Terminal
VCC
3
Supply Voltage Terminal
A1, A0
4, 5
Address Select Inputs. Determines I2C slave address. Slave address is 01010A1A0X. (See the Slave
Address Byte and Address Pins section for details).
RH
6
High Terminal of Potentiometer
RW
7
Wiper Terminal of Potentiometer
RL
8
Low Terminal of Potentiometer
V+
9
Wiper Bias Voltage
SCL
10
I2C Serial Clock. Input for I2C clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com