Electronic Components Datasheet Search
  English  ▼

X  

HC4066 Datasheet(PDF) 7 Page - Texas Instruments

Part # HC4066
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC4066 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HC4066 Datasheet HTML 3Page - Texas Instruments HC4066 Datasheet HTML 4Page - Texas Instruments HC4066 Datasheet HTML 5Page - Texas Instruments HC4066 Datasheet HTML 6Page - Texas Instruments HC4066 Datasheet HTML 7Page - Texas Instruments HC4066 Datasheet HTML 8Page - Texas Instruments HC4066 Datasheet HTML 9Page - Texas Instruments HC4066 Datasheet HTML 10Page - Texas Instruments HC4066 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CL
50 pF
GND
VCC
VI
VO
TEST CIRCUIT
tPLZ
50%
VOLTAGE WAVEFORMS
RL
1 k
Ω
10%
S1
VC
50
Ω
S2
tPZH
tPHZ
50%
50%
50%
90%
tPZL
tPZH
tPLZ
tPHZ
GND
VCC
GND
VCC
TEST
S1
S2
VCC
GND
VCC
GND
tPZL
50%
VCC
VO
50%
0 V
VOL
VOH
VC
(tPZL, tPZH)
(tPLZ, tPHZ)
VCC
VCC
VO
0 V
VOL
VOH
VC
VCC
0 V
VOL
VOH
VCC
0 V
VOL
VOH
Figure 5. Switching Time (tPZL, tPLZ, tPZH, tPHZ), Control to Signal Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com