Electronic Components Datasheet Search
  English  ▼

X  

HC4066 Datasheet(PDF) 3 Page - Texas Instruments

Part # HC4066
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC4066 Datasheet(HTML) 3 Page - Texas Instruments

  HC4066 Datasheet HTML 1Page - Texas Instruments HC4066 Datasheet HTML 2Page - Texas Instruments HC4066 Datasheet HTML 3Page - Texas Instruments HC4066 Datasheet HTML 4Page - Texas Instruments HC4066 Datasheet HTML 5Page - Texas Instruments HC4066 Datasheet HTML 6Page - Texas Instruments HC4066 Datasheet HTML 7Page - Texas Instruments HC4066 Datasheet HTML 8Page - Texas Instruments HC4066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2†
5
6
V
VI/O
I/O port voltage
0
VCC
V
VCC = 2 V
1.5
VCC
VIH
High-level input voltage, control inputs
VCC = 4.5 V
3.15
VCC
V
VCC = 6 V
4.2
VCC
VCC = 2 V
0
0.3
VIL
Low-level input voltage, control inputs
VCC = 4.5 V
0
0.9
V
VCC = 6 V
0
1.2
VCC = 2 V
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
ns
VCC = 6 V
400
TA
Operating free-air temperature
–40
85
°C
† With supply voltages at or near 2 V, the analog switch on-state resistance becomes very nonlinear. It is recommended that only digital signals
be transmitted at these low supply voltages.
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25_C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
I
1A V
0 t V
2 V
150
ron
On-state switch resistance
IT = –1 mA, VI = 0 to VCC,
VC =VIH (see Figure 1)
4.5 V
50
85
106
Ω
VC = VIH (see Figure 1)
6 V
30
V
V
GND V
V
2 V
320
ron(p)
Peak on-state resistance
VI = VCC or GND, VC = VIH,
IT = –1mA
4.5 V
70
170
215
Ω
()
IT = –1 mA
6 V
50
II
Control input current
VC = 0 or VCC
6 V
±0.1
±100
±1000
nA
Isoff
Off-state switch leakage current
VI = VCC or 0, VO = VCC or 0,
VC = VIL (see Figure 2)
6 V
±0.1
±5
µA
Ison
On-state switch leakage current
VI = VCC or 0, VC = VIH
(see Figure 3)
6 V
±0.1
±5
µA
ICC
Supply current
VI = 0 or VCC,
IO = 0
6 V
2
20
µA
Ci
Input capacitance
A or B
5V
9
pF
Ci
Input capacitance
C
5 V
3
10
10
pF
Cf
Feed-through
capacitance
A to B
VI = 0
0.5
pF
Co
Output capacitance
A or B
5 V
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com