Electronic Components Datasheet Search
  English  ▼

X  

HC4066 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC4066
Description  QUADRUPLE BILATERAL ANALOG SWITCH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC4066 Datasheet(HTML) 1 Page - Texas Instruments

  HC4066 Datasheet HTML 1Page - Texas Instruments HC4066 Datasheet HTML 2Page - Texas Instruments HC4066 Datasheet HTML 3Page - Texas Instruments HC4066 Datasheet HTML 4Page - Texas Instruments HC4066 Datasheet HTML 5Page - Texas Instruments HC4066 Datasheet HTML 6Page - Texas Instruments HC4066 Datasheet HTML 7Page - Texas Instruments HC4066 Datasheet HTML 8Page - Texas Instruments HC4066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN74HC4066
QUADRUPLE BILATERAL ANALOG SWITCH
SCLS325G – MARCH 1996 – REVISED JULY 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Typical Switch Enable Time of 18 ns
D Low Power Consumption, 20-µA Max ICC
D Low Input Current of 1 µA Max
D High Degree of Linearity
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Low On-State Impedance ...
50-
Ω TYP at VCC = 6 V
D Individual Switch Controls
description/ordering information
The SN74HC4066 is a silicon-gate CMOS quadruple analog switch designed to handle both analog and digital
signals. Each switch permits signals with amplitudes of up to 6 V (peak) to be transmitted in either direction.
Each switch section has its own enable input control (C). A high-level voltage applied to C turns on the
associated switch section.
Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for
analog-to-digital and digital-to-analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube of 25
SN74HC4066N
SN74HC4066N
Tube of 50
SN74HC4066D
SOIC – D
Reel of 2500
SN74HC4066DR
HC4066
Reel of 250
SN74HC4066DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC4066NSR
HC4066
SSOP – DB
Reel of 2000
SN74HC4066DBR
HC4066
Tube of 90
SN74HC4066PW
TSSOP – PW
Reel of 2000
SN74HC4066PWR
HC4066
Reel of 250
SN74HC4066PWT
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each switch)
INPUT
CONTROL
(C)
SWITCH
L
OFF
H
ON
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2B
2A
2C
3C
GND
VCC
1C
4C
4A
4B
3B
3A
D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)


Similar Part No. - HC4066

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HC4066A ONSEMI-HC4066A Datasheet
190Kb / 14P
Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
HC4066AG ONSEMI-HC4066AG Datasheet
190Kb / 14P
Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
logo
Texas Instruments
HC4066M TI1-HC4066M Datasheet
921Kb / 19P
High-Speed CMOS Logic Quad Bilateral Switch
More results

Similar Description - HC4066

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4066 TI-SN74HC4066 Datasheet
153Kb / 10P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066 Datasheet
540Kb / 10P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066 Datasheet
418Kb / 17P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74AHC4066 TI-SN74AHC4066_07 Datasheet
832Kb / 23P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066 Datasheet
204Kb / 7P
QUADRUPLE BILATERAL ANALOG SWITCH
U74AHCT4066 UTC-U74AHCT4066 Datasheet
217Kb / 7P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74AHC4066 TI1-SN74AHC4066_14 Datasheet
1Mb / 29P
QUADRUPLE BILATERAL ANALOG SWITCH
SN74HC4066 TI-SN74HC4066_15 Datasheet
796Kb / 21P
QUADRUPLE BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74AHC4066 UTC-U74AHC4066_15 Datasheet
238Kb / 8P
QUADRUPLE BILATERAL ANALOG SWITCH
U74AHCT4066 UTC-U74AHCT4066_15 Datasheet
227Kb / 6P
QUADRUPLE BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com