Electronic Components Datasheet Search
  English  ▼

X  

ML3371 Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML3371 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.lansdale.com
Page 3 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
DC ELECTRICAL CHARACTERISTICS (VCC = 4.0 Vdc, TA = 25°C, unless otherwise noted)
Characteristic
Pin
Symbol
Min
Typ
Max
Unit
Drain Current (No Input Signal)
Squelch Off, Vsq = 2.0 Vdc
Squelch On, Vsq = 0 Vdc
Squelch Off, VCC = 2.0 to 9.0 V
4
lcc1
lcc2
dlcc1
–
–
–
3.2
3.6
1.0
4.2
4.8
2.0
mA
Detector Output (No Input Signal)
DC Voltage, V8 = VCC
9
V9
0.9
1.6
2.3
Vdc
Filter Output (No Input Signal)
DC Voltage
Voltage Change, VCC = 2.0 to 9.0 V
11
V11
dV11
1.5
2.0
2.5
5.0
3.5
8.0
Vdc
Trigger Hysteresis
–
Hys
34
57
80
mV
Quad Coil TOKO
2A6597 HK (10 mm)
or
7MC–8128Z (7 mm)
15
22
0.33
0.001
57.6575
MHz
Oscillator
0.1
0.1
20 k
0.1
muRata
CFU455D2
or
equivalent
14
C1
0.01
51
51 k
RF Input
VCC = 4.0 Vdc
13
24
38
–
56
7
1
15
+
16
Mute
0.1
12
11
10
9
FilterOut
1.0
µF
Demodulator
AF
Amp
RSSI Output
510 k
SqIn
FilterIn
470
8.2 k
0.01
AF Out
to Audio
Power Amp
53 k
10
Limiter
Amp
Filter
Amp
Mixer
Squelch Trigger
with Hysteresis
Figure 1. ML3371 Functional Block Diagram and Test Fixture Schematic
1.8 k
51 k
1.0
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com