Electronic Components Datasheet Search
  English  ▼

X  

ML3371 Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML3371 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.lansdale.com
Page 6 of 19
Issue A
LANSDALE Semiconductor, Inc.
ML3371, ML3372
ML3371 PIN FUNCTION DESCRIPTION
OPERATING CONDITIONS VCC = 4.0 Vdc, RFIn = 100 µV, fmod = 1.0 kHz, fdev = 3.0 kHz. ML3371 at f RF = 10.7 MHz (see Figure 11).
Pin
Symbol
Internal Equivalent
Circuit
Description
Waveform
1
OSC1
OSC1
VCC
1
15 k
The base of the Colpitts oscillator. Use
a high impedance and low capacitance
probe or a “sniffer” to view the wave–
form without altering the frequency.
Typical level is 450 mVpp.
2
OSC2
200
µA
2
OSC2
The emitter of the Colpitts oscillator.
Typical signal level is 200 mVpp. Note
that the signal is somewhat distorted
compared to that on Pin 1.
3
MXOut
3
4
MixerOut
VCC
15 k
Output of the Mixer. Riding on the
455 kHz is the RF carrier component.
The typical level is approximately
60 mVpp.
4
VCC
100
µA
1.5k
Supply Voltage –2.0 to 9.0 Vdc is the
operating range. VCC is decoupled to
ground.
5
IFIn
1.8 k
7
51 k
53 k
5
IFIn
6
DEC1
Input to the IF amplifier after passing
through the 455 kHz ceramic filter. The
signal is attenuated by the filter. The
typical level is approximately
50 mVpp.
6
7
DEC1
DEC2
DEC2
60
µA
IF Decoupling. External 0.1
µF
capacitors connected to VCC.
8
Quad
Coil
10
VCC
8
Quad Coil
50
µA
Quadrature Tuning Coil. Composite
(not yet demodulated) 455 kHz IF
signal is present. The typical level is
500 mVpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com