Electronic Components Datasheet Search
  English  ▼

X  

ML3371 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML3371
Description  Low Power Narrowband FM IF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3371 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML3371 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3371 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.lansdale.com
Page 1 of 19
Issue A
ML3371
ML3372
Low Power
Narrowband FM IF
Legacy Device: Motorola MC3371, MC3372
The ML3371 and ML3372 perform single conversion FM
reception and consist of an oscillator, mixer, limiting IF amplifi-
er, quadrature discriminator, active filter, squelch switch, and
meter drive circuitry. These devices are designed for use in FM
dual conversion communication equipment. The ML3371/ML3372
are similar to the Motorola MC3361/MC3357 FM IFs, except
that a signal strength indicator replaces the scan function control-
ling driver which is in the MC3361/MC3357. The ML3371 is
designed for the use of parallel LC components, while the
ML3372 is designed for use with either a 455 kHz ceramic dis-
criminator, or parallel LC components.
These devices also require fewer external parts than earlier
products. The ML3371 and ML3372 are available in dual–in–line
and surface mount packaging.
• Wide Operating Supply Voltage Range: VCC = 2.0 to 9.0 V
• Input Limiting Voltage Sensitivity of –3.0 dB
• Low Drain Current: ICC = 3.2 mA, @ VCC = 4.0 V,
Squelch Off
• Minimal Drain Current Increase When Squelched
• Signal Strength Indicator: 60 dB Dynamic Range
• Mixer Operating Frequency Up to 100 MHz
• Fewer External Parts Required than Earlier Devices
• Operating Temperature Range TA = –30° to +70°C
SO 16 = -5P
PLASTIC PACKAGE
CASE 751B
(SO–16)
P DIP 16 = EP
PLASTIC PACKAGE
CASE 648
16
1
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC3371P
ML3371EP
SO 16
MC3371D
ML3371-5P
P DIP 16
MC3372P
ML3372EP
SO 16
MC3372D
ML3372-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
MAXIMUM RATINGS
Rating
Pin
Symbol
Value
Unit
Power Supply Voltage
4
VCC(max)
10
Vdc
RF Input Voltage (VCC
4.0 Vdc)
16
V16
1.0
Vrms
Detector Input Voltage
8
V8
1.0
Vpp
Squelch Input Voltage
(VCC
4.0 Vdc)
12
V12
6.0
Vdc
Mute Function
14
V14
–0.7 to 10
Vpk
Mute Sink Current
14
l14
50
mA
Junction Temperature
–
TJ
150
°C
Storage Temperature Range
–
Tstg
–65 to +150
°C
NOTES: 1. Devices should not be operated at these values. The “Recommended Operating
Conditions” table provides conditions for actual device operation.
8
PIN CONNECTIONS
11
Gnd
Mute
Crystal Osc
Meter Drive
Squelch Input
Recovered Audio
Mixer Input
Filter Output
8
Mixer Output
Decoupling
Quad Coil
VCC
ML3371
(Top View)
3
2
4
5
6
Limiter Input
10
7
16
1
15
14
13
12
9
Filter Input
Decoupling
Limiter Output
11
Gnd
Mute
Crystal Osc
Meter Drive
Squelch Input
Recovered Audio
Mixer Input
Filter Output
Mixer Output
Quad Input
VCC
ML3372
(Top View)
3
2
4
5
6
Limiter Input
10
7
16
1
15
14
13
12
9
Filter Input


Similar Part No. - ML3371

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371 Datasheet
892Kb / 19P
Low Power Narrowband FM IF
ML3371-5P LANSDALE-ML3371-5P Datasheet
892Kb / 19P
Low Power Narrowband FM IF
ML3371EP LANSDALE-ML3371EP Datasheet
892Kb / 19P
Low Power Narrowband FM IF
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
Low Power Narrowband FM IF
More results

Similar Description - ML3371

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8604M SANYO-LA8604M Datasheet
136Kb / 8P
Narrowband FM IF Stage
LA8608V SANYO-LA8608V Datasheet
310Kb / 14P
1.8 V Low-Voltage Narrowband FM-IF System
LA8615M SANYO-LA8615M Datasheet
305Kb / 11P
Narrowband FM IF Amplifiers for Pager Receivers
logo
Motorola, Inc
MC3361 MOTOROLA-MC3361 Datasheet
156Kb / 6P
LOW POWER NARROWBAND FM IF
logo
Ceramate Technical
CM5018 CERAMATE-CM5018 Datasheet
917Kb / 6P
Low Power Narrowband FM IF
logo
Motorola, Inc
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
Low Power Narrowband FM Receiver
logo
LANSDALE Semiconductor ...
ML13150 LANSDALE-ML13150 Datasheet
1Mb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
Motorola, Inc
MC3361B MOTOROLA-MC3361B Datasheet
209Kb / 8P
Low Power Narrowband FM IF
MC13150 MOTOROLA-MC13150 Datasheet
517Kb / 20P
Narrowband FM Coilless Detector IF Subsystem
logo
LANSDALE Semiconductor ...
ML3371 LANSDALE-ML3371_08 Datasheet
892Kb / 19P
Low Power Narrowband FM IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com