Electronic Components Datasheet Search
  English  ▼

X  

1222467 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1222467
Description  UCS CC 5010 - Corner inlay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1222467 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1222467 Datasheet HTML 1Page - PHOENIX CONTACT 1222467 Datasheet HTML 2Page - PHOENIX CONTACT 1222467 Datasheet HTML 3Page - PHOENIX CONTACT 1222467 Datasheet HTML 4Page - PHOENIX CONTACT 1222467 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specification
IEC 60695-10-2:2014-02
Temperature
125 °C
Test duration
1 h
Force
20 N
Mechanical strength / tumbling barrel
Specification
IEC 60068-2-31:2008-05
Height of fall
50 cm
Frequency
50
Shocks
Specification
IEC 60068-2-27:2008-02
Pulse shape
Half-sine
Acceleration
15g
Shock duration
11 ms
Number of shocks per direction
3
Test directions
X-, Y- and Z-axis (pos. and neg.)
Test for substances that would hinder coating with paint or varnish
Specification
VW PV 3.10.7:2005-02
Result
Test passed
Degree of protection (IP code)
Specification
IEC 60529:1989-11 + AMD 1:1999-11 + AMD 2:2013-08
Result, degree of protection, IP code
IP40
Ambient conditions
Max. IP code to attain
IP40
Ambient temperature (operation)
-40 °C ... 105 °C (depending on power dissipation)
Ambient temperature (storage/transport)
-40 °C ... 55 °C
Ambient temperature (assembly)
-5 °C ... 100 °C
Relative humidity (storage/transport)
80 %
PCB data
Type of PCB mount
Bolt mounting
Thickness of the PCB
0.8 mm ... 3 mm
Mounting
Mounting type
Screw mounting
Screw connection between housing halves: 1.2 - 1.4 Nm / 500 -
1000 rpm
Tightening torque / speed
Mounting of PCB on corner feeder: 0.4 - 0.5 Nm / 500 - 1000 rpm
Packaging specifications
Type of packaging
PE bag
UCS CC 5010 - Corner inlay
1222467
https://www.phoenixcontact.com/us/products/1222467
Jan 24, 2025, 12:31 AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com