Electronic Components Datasheet Search
  English  ▼

X  

1222467 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1222467
Description  UCS CC 5010 - Corner inlay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1222467 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1222467 Datasheet HTML 1Page - PHOENIX CONTACT 1222467 Datasheet HTML 2Page - PHOENIX CONTACT 1222467 Datasheet HTML 3Page - PHOENIX CONTACT 1222467 Datasheet HTML 4Page - PHOENIX CONTACT 1222467 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Corner inlay for UCS housings, material: polyamide, color: Gentian blue, similar to RAL 5010
Your advantages
Flexible mounting options for the control cabinet and use in the field
•
Can be adapted to suit the application, thanks to identical receptacles in the housing
•
Different colors for high recognition value inside and outside the control cabinet
•
Commercial data
Item number
1222467
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
ACFCAZ
GTIN
4063151312718
Weight per piece (including packing)
10.6 g
Weight per piece (excluding packing)
6.6 g
Country of origin
DE
UCS CC 5010 - Corner inlay
1222467
https://www.phoenixcontact.com/us/products/1222467
Jan 24, 2025, 12:31 AM
Page 1 (5)


Similar Part No. - 1222467

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
122246 ETC2-122246 Datasheet
1Mb / 24P
TNC COAXIAL CONNECTORS
logo
PHOENIX CONTACT
1222461 PHOENIX-1222461 Datasheet
189Kb / 6P
UCS CCD 2003 - Corner inlay
1222462 PHOENIX-1222462 Datasheet
189Kb / 6P
UCS CCD 3001 - Corner inlay
1222463 PHOENIX-1222463 Datasheet
183Kb / 5P
UCS CC 1018 - Corner inlay
1222468 PHOENIX-1222468 Datasheet
183Kb / 5P
UCS CC 2003 - Corner inlay
More results

Similar Description - 1222467

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I01-110A TI-RI-I01-110A Datasheet
37Kb / 1P
Tag-it HF Transponder Inlay Square
RI-I02-110A TI-RI-I02-110A Datasheet
53Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Large
RI-I03-110A TI-RI-I03-110A Datasheet
75Kb / 1P
Tag-it??HF Transponder Inlay Rectangle - Miniature
RI-I14-110A TI-RI-I14-110A Datasheet
40Kb / 1P
Tag-it HF Transponder Inlay - Strip
logo
Ramtron International C...
WM71004-6-NF1 RAMTRON-WM71004-6-NF1 Datasheet
173Kb / 3P
4Kbit Wireless Memory Inlay
logo
Texas Instruments
RI-INL-R9QM TI-RI-INL-R9QM Datasheet
102Kb / 4P
24 MM LF CIRCULAR INLAY
logo
Broadcom Corporation.
LPE32000 BOARDCOM-LPE32000 Datasheet
160Kb / 4P
LPe32000-Series for Cisco UCS C-Series
logo
3M Electronics
5010 3M-5010 Datasheet
201Kb / 5P
3M™ Polyurethane Multi-Purpose Adhesive 5010
Dec-2012
logo
PHOENIX CONTACT
2203398 PHOENIX-2203398 Datasheet
53Kb / 3P
Corner inlay - UCS CC 5018
09/12/2020
2203401 PHOENIX-2203401 Datasheet
53Kb / 2P
Mounting set - UCS GD 9005
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com