Electronic Components Datasheet Search
  English  ▼

X  

1222467 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1222467
Description  UCS CC 5010 - Corner inlay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1222467 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1222467 Datasheet HTML 1Page - PHOENIX CONTACT 1222467 Datasheet HTML 2Page - PHOENIX CONTACT 1222467 Datasheet HTML 3Page - PHOENIX CONTACT 1222467 Datasheet HTML 4Page - PHOENIX CONTACT 1222467 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
Assembly note
Refer to the data sheet for the range in the download area.
Product properties
Product type
Select corner
Housing type
Universal housings
Housing series
UCS
Type
including screws, flat
Ventilation openings present
no
Dimensions
Width
16.2 mm
Height
16.2 mm
Depth
13.5 mm
PCB design
PCB thickness
0.8 mm ... 3 mm
Material specifications
Color (Housing)
blue (RAL 5015)
Flammability rating according to UL 94
V0
CTI according to IEC 60112
600
Insulating material
PA
Housing material
PA
untreated
Surface characteristics
galvanized
Environmental and real-life conditions
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.15 mm (10 Hz ... 58.1 Hz)
Acceleration
2g (58.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
Glow-wire test
Specification
IEC 60695-2-11:2014-02
Temperature
850 °C
Time of exposure
30 s
Thermal stability / ball thrust test
UCS CC 5010 - Corner inlay
1222467
https://www.phoenixcontact.com/us/products/1222467
Jan 24, 2025, 12:31 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com