Electronic Components Datasheet Search
  English  ▼

X  

GL861 Datasheet(PDF) 7 Page - GENESYS LOGIC

Part # GL861
Description  USB 2.0 Controller for PC-DTV Application
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL861 Datasheet(HTML) 7 Page - GENESYS LOGIC

Back Button GL861 Datasheet HTML 3Page - GENESYS LOGIC GL861 Datasheet HTML 4Page - GENESYS LOGIC GL861 Datasheet HTML 5Page - GENESYS LOGIC GL861 Datasheet HTML 6Page - GENESYS LOGIC GL861 Datasheet HTML 7Page - GENESYS LOGIC GL861 Datasheet HTML 8Page - GENESYS LOGIC GL861 Datasheet HTML 9Page - GENESYS LOGIC GL861 Datasheet HTML 10Page - GENESYS LOGIC GL861 Datasheet HTML 11Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
GL861 USB 2.0 Controller for PC-DTV
©2000-2005 Genesys Logic Inc. - All rights reserved.
Page 7
CHAPTER 2
FEATURES
l
USB specification compliance
-
Complies with 480Mbps Universal Serial Bus specification rev. 2.0.
-
Complies with 12Mbps Universal Serial Bus specification rev. 2.0.
-
Support USB 2.0 Isochronous Video pipe to 24MB/s.
l
Demodulator interface
-
MPEG2-TS
l
Demux built-in
-
34 PID filtering
l
Non-processing video streaming (USB High-speed connection)
l
Support 4 USB endpoints
-
Endpoint 0: Control PIPE.
-
Endpoint 1: Isochronous/Bulk data in (configurable).
-
Endpoint 2: Interrupt OUT.
-
Endpoint 3: Interrupt IN.
l
Embedded 8052 micro-controller
-
Operate @ 15 MHz clock.
-
8K ROM.
l
Support firmware stored in external FLASH memory for development of customer’s firmware
l
Support USB remote wakeup.
l
Maximum 15 GPIO ports.
l
3.3V operation.
l
Capability to support on-line download program
l
Available in 100-pin QFP and 48-pin LQFP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com