Electronic Components Datasheet Search
  English  ▼

X  

GL861 Datasheet(PDF) 14 Page - GENESYS LOGIC

Part # GL861
Description  USB 2.0 Controller for PC-DTV Application
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL861 Datasheet(HTML) 14 Page - GENESYS LOGIC

Back Button GL861 Datasheet HTML 10Page - GENESYS LOGIC GL861 Datasheet HTML 11Page - GENESYS LOGIC GL861 Datasheet HTML 12Page - GENESYS LOGIC GL861 Datasheet HTML 13Page - GENESYS LOGIC GL861 Datasheet HTML 14Page - GENESYS LOGIC GL861 Datasheet HTML 15Page - GENESYS LOGIC GL861 Datasheet HTML 16Page - GENESYS LOGIC GL861 Datasheet HTML 17Page - GENESYS LOGIC GL861 Datasheet HTML 18Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
GL861 USB 2.0 Controller for PC-DTV
©2000-2005 Genesys Logic Inc. - All rights reserved.
Page 14
CHAPTER 4
FUNCTIONAL DESCRIPTION
4.1 Function Block
Figure 4.1 - Block Diagram
l
DTV Interface
GL861 can link with various MPEG2-TS demodulators on market for DTV terrestrial application.
GL861 also builds in PID filter for channel demultiplex operation. That will make USB full speed
application more realizable and no extra component is needed. This function can filter totally 34 PID by
setting.
l
TXFIFO
GL861 builds in 6K bytes internal buffer for high bandwidth application. This 6K internal buffer can be
used as transmitted buffer of isochronous pipe or bulk pipe.
l
PIE
PIE handles the USB protocol defined in chapter 8 of USB specification Revision 2.0. It co-works with
CPU to play the role of the chip’s kernel. The main functions of PIE include the state machine of USB
protocol flow, CRC check, PID error check, and timeout check. Unlike USB1.1, bit stuffing/de-stuffing
is implemented in UTMI, not in PIE.
l
USB 2.0 PHY (UTMI )
UTMI handles the low level USB protocol and signaling. It’s designed based on the Intel’s UTMI
specification 1.01. The major functions of UTMI logic are to handle the data and clock recovery, NRZI
encoding/decoding, Bit stuffing /de-stuffing, supporting USB2.0 test modes, and serial/parallel
conversion.
l
CPU
CPU is the micro-processor unit of GL861. It is an 8-bit 8052 processor with 8K ROM and 256 bytes
RAM. It operates at 15Mhz clock to decode the USB command issued from host and then prepares the
data to respond to the host. In addition, μC can handle GPIO (general purpose I/O) settings and
reading content of EEPROM to support high flexibility for various configurations. These configurations
include self/bus power mode setting, individual/gang mode setting, downstream port number setting,
device removable/non-removable setting, and PID/VID setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com