Electronic Components Datasheet Search
  English  ▼

X  

GL861 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL861
Description  USB 2.0 Controller for PC-DTV Application
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL861 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL861 Datasheet HTML 8Page - GENESYS LOGIC GL861 Datasheet HTML 9Page - GENESYS LOGIC GL861 Datasheet HTML 10Page - GENESYS LOGIC GL861 Datasheet HTML 11Page - GENESYS LOGIC GL861 Datasheet HTML 12Page - GENESYS LOGIC GL861 Datasheet HTML 13Page - GENESYS LOGIC GL861 Datasheet HTML 14Page - GENESYS LOGIC GL861 Datasheet HTML 15Page - GENESYS LOGIC GL861 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
GL861 USB 2.0 Controller for PC-DTV
©2000-2005 Genesys Logic Inc. - All rights reserved.
Page 12
3.3 Pin Descriptions
Table 3.3 - 100-Pin QFP Pin Descriptions
Pin Name
Pin#
Type
Description
DVDDO
77
P
1.8V output
DVDD
27,39,81
P
1.8V core power
DTV_DAT0~7
83~86,2~5
I
MPEG2-TS data bit 0~7
FSH_OEB
6
I
Read strobe of ICE /Output enable for flash memory. Low
active
FSH_WEB
7
I
Write strobe of ICE /Write enable for flash memory. Low
active.
FSH_ADR0~15
8,9,14~17,
37,
38,71~74,
93~96
I/O
Port 0 and Port 2 for ICE mode/ Address of flash
memory
GPIO0~14
10~13,57~62,
87,88,31,32,34
I/O
(pu: GPIO0, 1,
7, 8, 12, 13, 14
pd: GPIO3, 10)
15 GPIOs
DTV_ERR
21
I
Error indication for MPEG2-TS stream
GND
26,40,41,42,
46,47,56,78,
82,99
P
Ground
HRST_
30
I
(pu)
Hardware reset, low active
EXTCPU
33
I
Use external CPU mode for ICE development.
AVDD33
43,49,50
P
3.3V analog power
DM
44
I/O
USB D-
DP
45
I/O
USB D+
RREF
48
A
Reference R
X1
54
I
12M crystal in
X2
55
O
12M crystal out
FSH_DAT4
63
I/O
Data bus of flash memory/ ALE signal of ICE
FSH_DAT5~7
64,67,68
I/O
Data bus of flash memory
DTV_CLK
75
I
MPEG clock input from demodulator
TEST
76
I
(pd)
Test mode
FSH_DAT0
89
I/O
Data bus of flash memory/ Clock output for ICE
FSH_DAT1
90
I/O
Data bus of flash memory/ RST pin for ICE mode
FSH_DAT2
91
I/O
Data bus of flash memory/ Interrupt 0 of ICE mode
FSH_DAT3
92
I/O
Data bus of flash memory/ Interrupt 1 of ICE mode
DTV_DP
97
I
MPEG data valid from demodulator
DTV_STR
98
I
MPEG packet start from demodulator
DVDD33
53,79,100
P
3.3V power
NC
1,18~20,22~25,
28,29,35,36,51
,52,65,66,69,70
,80
-
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com