Electronic Components Datasheet Search
  English  ▼

X  

GL9711 Datasheet(PDF) 22 Page - GENESYS LOGIC

Part # GL9711
Description  PCI ExpressTM PIPE x1 PHY
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9711 Datasheet(HTML) 22 Page - GENESYS LOGIC

Back Button GL9711 Datasheet HTML 18Page - GENESYS LOGIC GL9711 Datasheet HTML 19Page - GENESYS LOGIC GL9711 Datasheet HTML 20Page - GENESYS LOGIC GL9711 Datasheet HTML 21Page - GENESYS LOGIC GL9711 Datasheet HTML 22Page - GENESYS LOGIC GL9711 Datasheet HTML 23Page - GENESYS LOGIC GL9711 Datasheet HTML 24Page - GENESYS LOGIC GL9711 Datasheet HTML 25Page - GENESYS LOGIC GL9711 Datasheet HTML 26Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
GL9711 PCI Express
TM PIPE x1 PHY
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 22
1 SKPDEL
Enable SKP deleting test of SKP ordered sets
0 SKPADD
Enable SKP adding test of SKP ordered sets
Offset 0Dh – SLCDT ………...…………………………………………...……. Default value = 8’h00
--
SLPBK
--
--
--
FENCD
--
--
--
R/W
--
--
--
R/W
--
--
7 RESERVED
-
6 SLPBK
Enable serial loopback
5-3
RESERVED
-
2 FENCD
Force comma detect
1-0
RESERVED
-
4.3 SMBus Protocal
GL9711 registers are programmed by System Management Bus (SMBus). Fig. 4.1 shows the SMBus
topology. The VDD power is 2.5V +/- 10% and the pull up resistor is 1KΩ. Both SMBCLK and SMBDAT
lines are bi-directional, connected to 2.5V supply voltage through a pull-up resistor. The operating frequency
is 10~100KHz and the SMBus address of GL9711 is 7’h2C.
Figure 4.1 – SMBus Topology of GL9711



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com