Electronic Components Datasheet Search
  English  ▼

X  

GL9711 Datasheet(PDF) 30 Page - GENESYS LOGIC

Part # GL9711
Description  PCI ExpressTM PIPE x1 PHY
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9711 Datasheet(HTML) 30 Page - GENESYS LOGIC

Back Button GL9711 Datasheet HTML 26Page - GENESYS LOGIC GL9711 Datasheet HTML 27Page - GENESYS LOGIC GL9711 Datasheet HTML 28Page - GENESYS LOGIC GL9711 Datasheet HTML 29Page - GENESYS LOGIC GL9711 Datasheet HTML 30Page - GENESYS LOGIC GL9711 Datasheet HTML 31Page - GENESYS LOGIC GL9711 Datasheet HTML 32Page - GENESYS LOGIC GL9711 Datasheet HTML 33Page - GENESYS LOGIC GL9711 Datasheet HTML 34Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
GL9711 PCI Express
TM PIPE x1 PHY
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 30
l
8B/10B Decode Error
When the GL9711 decodes the received 10-bit symbol and detects an error code which does not
correspond to any valid data, it will replace the code with an EDB symbol, assert PHYSTS and encode
RXSTS[2:0] with the values of decode error status, 3’b100.
l
Elastic Buffer Overrun and Underrun
When the overrun or underrun of the elastic buffer occurs, the GL9711 will assert PHYSTS and encode
RXSTS[2:0] with the values of decode error status.
Elastic Buffer
RXSTS Code
Overrun
101b
Underrun
110b
In the case of elastic buffer overrun, the GL9711 drops the symbol. For the elastic buffer underrun, the
GL9711 inserts the EDB symbol. The PHYSTS and RXSTS[2:0] are presented on the MAC interface
during the clock cycle where GL9711 drops or inserts the symbol.
l
Disparity Errors
To report a disparity error detected, the GL9711 asserts PHYSTS and encodes RXSTS[2:0] with the values
of decode error status, 3’b111.
6.5 Loopback
The GL9711 supports a Loopback mode to re-transmit its received data. When the MAC sets the GL9711 in P0
state and asserts TXDET/LPBK, the GL9711 enters a Loopback. In Loopback, the GL9711 transmits data from it
received data instead of MAC interface. Meanwhile, it presents the received data on the MAC interface as
normal operation.
When set into Loopback mode and acting as a Loopback slave according to the PCI Express Base Specification
Rev. 1.0a, the GL9711 received data from the Loopback master. If the master intends to end the Loopback, it
sends an electrical idle ordered-set to the GL9711. When the MAC detects the electrical idle ordered-set, it
de-asserts TXDET/LPBK and asserts TXIDLE to instruct the GL9711 to stop Loopback. The MAC should take
care the GL9711 has retransmit at least three bytes of the electrical idle before it makes the GL9711’s transmitter
into electrical idle.
6.6 Polarity Inversion
The GL9711 supports lane polarity inversion. While pin RXPLR asserted, the GL9711 inverts its received data
on the MAC interface.
6.7 Setting Negative Disparity
To set the running disparity to negative, the MAC asserts TXCMP for one PCLK cycle that matches with the
data that is to be transmitted where running disparity is negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com