Electronic Components Datasheet Search
  English  ▼

X  

TMS28F008AXY Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F008AXY
Description  1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F008AXY Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F008AXY Datasheet HTML 1Page - Texas Instruments TMS28F008AXY Datasheet HTML 2Page - Texas Instruments TMS28F008AXY Datasheet HTML 3Page - Texas Instruments TMS28F008AXY Datasheet HTML 4Page - Texas Instruments TMS28F008AXY Datasheet HTML 5Page - Texas Instruments TMS28F008AXY Datasheet HTML 6Page - Texas Instruments TMS28F008AXY Datasheet HTML 7Page - Texas Instruments TMS28F008AXY Datasheet HTML 8Page - Texas Instruments TMS28F008AXY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
TMS28F008Axy,TMS28F800Axy
1 048 576 BY 8-BIT/524 288 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS851A – NOVEMBER 1997 – REVISED MARCH 1998
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Organization... 1048576 By 8 Bits
524 288 By 16 Bits
D Array-Blocking Architecture
– Two 8K-Byte/4K-Word Parameter Blocks
– One 96K-Byte/48K-Word Main Block
– Seven 128K-Byte/64K-Word Main Blocks
– One 16K-Byte/8K-Word Protected Boot
Block
– Top or Bottom Boot Locations
D All Inputs/Outputs TTL-Compatible
D Maximum Access/Minimum Cycle Time
5-V VCC 3-V VCC
’28F008Axy70
70 ns
100 ns
’28F008Axy80
80 ns
120 ns
’28F800Axy70
70 ns
100 ns
’28F800Axy80
80 ns
120 ns
(See Table 1 for VCC/VPP Voltage
Configuration)
D 100000- and 10000-Program/Erase Cycle
Versions
D Three Temperature Ranges
– Commercial...0
°C to 70°C
– Extended...– 40
°C to 85°C
– Automotive...– 40
°C to 125°C
D Embedded Program/Erase Algorithms
– Automated Byte Programming
– Automated Word Programming
– Automated Block Erase
– Erase Suspend/Erase Resume
D Automatic Power-Saving Mode
D JEDEC Standards Compatible
– Compatible With JEDEC Byte/Word
Pinouts
– Compatible With JEDEC EEPROM
Command Set
D Fully Automated On-Chip Erase and
Byte / Word Program Operations
D Package Options
– 44-Pin Plastic Small-Outline Package
(PSOP) (DBJ Suffix)
– 40-Pin Thin Small-Outline Package
(TSOP) (DCD Suffix)
– 48-Pin TSOP (DCD Suffix)
– 48-Ball Micro Ball Grid Array
(
µBGAt) available
D Low Power Dissipation (VCC = 5.5 V)
– Active Write . . . 330 mW ( Byte Write)
– Active Read... 220 mW ( Byte Read)
– Active Write . . . 330 mW ( Word Write)
– Active Read... 275 mW ( Word Read)
– Block Erase... 330 mW
– Standby... 0.55 mW (CMOS-Input
Levels)
– Deep Power-Down Mode... 0.044 mW
D Write-Protection for Boot Block
D Industry Standard Command-State Machine
(CSM)
– Erase Suspend/Resume
– Algorithm-Selection Identifier
D Flexible VPP/Supply Voltage Combination
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PIN NOMENCLATURE
A0 – A18
Address Inputs
A0 – A19
Address Inputs (for 40-pin TSOP only)
BYTE
Byte Enable
DQ0 – DQ14 Data In / Out
DQ15/A –1 Data In / Out (word-wide mode),
Low-Order Address (byte-wide mode)
CE
Chip Enable
OE
Output Enable
NC
No Internal Connection
RP
Reset / Deep Power Down
VCC
Power Supply
VPP
Power Supply for Program / Erase
VSS
Ground
WE
Write Enable
WP
Write Protect (for 40-pin and 48-pin
TSOP only)
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
µBGA is a trademark of Tessera, Inc.


Similar Part No. - TMS28F008AXY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F008AXY TI1-TMS28F008AXY Datasheet
696Kb / 52P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI1-TMS28F008AXY_08 Datasheet
696Kb / 52P
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F008AXY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS664414 TI-TMS664414 Datasheet
958Kb / 56P
4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F1600T TI-TMS28F1600T Datasheet
616Kb / 44P
16M-BIT (1M BY 16, 2M BY 8) CONCURRENT OPERATIONS AUTO-SELECT BOOT-BLOCK FLASH MEMORY
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F1600 TI1-TMS28F1600 Datasheet
616Kb / 44P
16M-BIT (1M BY 16, 2M BY 8) CONCURRENT OPERATIONS AUTO-SELECT BOOT-BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com