Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 120Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-8
Freescale Semiconductor
2.2.6.1
Memory Management Units (MMUs)
The processor core’s MMUs support up to 4 Petabytes (252) of virtual memory and 4 Gbytes (232) of
physical memory (referred to as real memory in the PowerPC architecture specification) for instructions
and data. The MMUs also control access privileges for these spaces on block and page granularities.
Referenced and changed status is maintained by the processor for each page to assist implementation of a
demand-paged virtual memory system. A key bit is implemented to provide information about memory
protection violations prior to page table search operations.
The LSU calculates effective addresses for data loads and stores, performs data alignment to and from
cache memory, and provides the sequencing for load and store string and multiple word instructions. The
instruction unit calculates the effective addresses for instruction fetching.
The MMUs translate effective addresses and enforce the protection hierarchy programmed by the
operating system in relation to the supervisor/user privilege level of the access and in relation to whether
the access is a load or store.
2.2.6.2
Cache Units
The processor core provides independent 16-Kbyte, four-way set-associative instruction and data caches.
The cache block size is 32 bytes. The caches are designed to adhere to a write-back policy, but the
processor core allows control of cacheability, write policy, and memory coherency at the page and block
levels. The caches use a least recently used (LRU) replacement algorithm.
The load/store and instruction fetch units provide the caches with the address of the data or instruction to
be fetched. In the case of a cache hit, the cache returns two words to the requesting unit.
2.3
Programming Model
The following subsections describe the PowerPC instruction set and addressing modes.
2.3.1
Register Set
This section describes the register organization in the processor core as defined by the three programming
environments of the PowerPC architecture—the user instruction set architecture (UISA), the virtual
environment architecture (VEA), and the operating environment architecture (OEA), as well as the G2_LE
core implementation-specific registers. Full descriptions of the basic register set defined by the PowerPC
architecture are provided in Chapter 2 in The Programming Environments Manual.
The PowerPC architecture defines register-to-register operations for all arithmetic instructions. Source
data for these instructions is accessed from the on-chip registers or is provided as an immediate value
embedded in the opcode. The three-register instruction format allows specification of a target register
distinct from the two source registers, thus preserving the original data for use by other instructions and
reducing the number of instructions required for certain operations. Data is transferred between memory
and registers with explicit load and store instructions only.
Figure 2-2 shows the complete MPC8280 register set and the programming environment to which each
register belongs. This figure includes both the PowerPC register set and the MPC8280-specific registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com