Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-12
Freescale Semiconductor
4–6
—
Reserved
7
PAR
Disable precharge of ARTRY.
0 Precharge of ARTRY enabled
1 Alters bus protocol slightly by preventing the processor from driving ARTRY to high (negated)
state, allowing multiple ARTRY signals to be tied together. If this is done, the system must
restore the signals to the high state.
8
DOZE
Doze mode enable. Operates in conjunction with MSR[POW]. 1
0 Doze mode disabled.
1 Doze mode enabled. Doze mode is invoked by setting MSR[POW] after this bit is set. In doze
mode, the PLL, time base, and snooping remain active.
9
—
Reserved, should be cleared.
10
STOP
Stop mode enable. Operates in conjunction with MSR[POW]. 1
0 Stop mode disabled.
1 Stop mode enabled. Sleep mode is invoked by setting MSR[POW] while this bit is set. When
this occurs, the processor asserts QREQ to indicate that it is ready to enter sleep mode. The
main MPC8280’s PLL remains active and all the internal clocks—including the core’s
clock—stop.
11
DPM
Dynamic power management enable. 1
0 Dynamic power management is disabled.
1 Functional units enter a low-power mode automatically if the unit is idle. This does not affect
operational performance and is transparent to software or any external hardware.
12–14
—
Reserved
15
NHR
Not hard reset (software-use only)—Helps software distinguish a hard reset from a soft reset.
0 A hard reset occurred if software had previously set this bit.
1 A hard reset has not occurred. If software sets this bit after a hard reset, when a reset occurs
and this bit remains set, software can tell it was a soft reset.
16
ICE
Instruction cache enable 2
0 The instruction cache is neither accessed nor updated. All pages are accessed as if they were
marked cache-inhibited (WIM = X1X). Potential cache accesses from the bus (snoop and
cache operations) are ignored. In the disabled state for the L1 caches, the cache tag state bits
are ignored and all accesses are propagated to the bus as single-beat transactions. For those
transactions, however, CI reflects the original state determined by address translation
regardless of cache disabled status. ICE is zero at power-up.
1 The instruction cache is enabled
17
DCE
Data cache enable 2
0 The data cache is neither accessed nor updated. All pages are accessed as if they were
marked cache-inhibited (WIM = X1X). Potential cache accesses from the bus (snoop and
cache operations) are ignored. In the disabled state for the L1 caches, the cache tag state bits
are ignored and all accesses are propagated to the bus as single-beat transactions. For those
transactions, however, CI reflects the original state determined by address translation
regardless of cache disabled status. DCE is zero at power-up.
1 The data cache is enabled.
Table 2-1. HID0 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com