Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-9
Note that some registers common to other processors that implement the PowerPC architecture may not
be implemented in the MPC8280’s processor core. Unsupported SPR values are treated as follows:
•
Any mtspr with an invalid SPR executes as a no-op.
•
Any mfspr with an invalid SPR causes boundedly undefined results in the target register.
Conversely, some SPRs in the processor core may not be implemented or may not be implemented in the
same way as in other processors that implement the PowerPC architecture.
2.3.1.1
PowerPC Register Set
The PowerPC UISA registers, shown in Figure 2-2, can be accessed by either user- or supervisor-level
instructions. The general-purpose registers (GPRs) and floating-point registers (FPRs) are accessed
through instruction operands. Access to registers can be explicit (that is, through the use of specific
instructions for that purpose such as the mtspr and mfspr instructions) or implicit as part of the execution
(or side effect) of an instruction. Some registers are accessed both explicitly and implicitly.
The number to the right of the register name indicates the number that is used in the syntax of the
instruction operands to access the register (for example, the number used to access the XER is 1). For more
information on the PowerPC register set, refer to Chapter 2 in The Programming Environments Manual.
Note that the reset value of the MSR exception prefix bit (MSR[IP]), described in the G2 Core Reference
Manual, is determined by the CIP bit in the hard reset configuration word in the MPC8280. This is
described in Section 5.4.1, “Hard Reset Configuration Word.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com