Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-14
Freescale Semiconductor
2.3.1.2.2
Hardware Implementation-Dependent Register 1 (HID1)
The MPC8280 implementation of HID1 is shown in Figure 2-4.
Table 2-2 shows the bit definitions for HID1.
2.3.1.2.3
Hardware Implementation-Dependent Register 2 (HID2)
The processor core implements an additional hardware implementation-dependent register, shown in
Figure 2-5.
29–30
—
Reserved
31
NOOPTI
No-op the data cache touch instructions.
0The dcbt and dcbtst instructions are enabled.
1The dcbt and dcbtst instructions are no-oped globally.
1
See Chapter 10, “Power Management
,” of the G2 Core Reference Manual for more information.
2
See Chapter 4, “Instruction and Data Cache Operation
,” of the G2 Core Reference Manual for more information.
04
5
31
PLLCFG
—
Figure 2-4. Hardware Implementation-Dependent Register 1 (HID1)
Table 2-2. HID1 Field Descriptions
Bits
Name
Function
0–4
PLLCFG PLL configuration setting. These bits reflect the state of the PLL_CFG[0:4] signals.
5–31
—
Reserved
0
12
13
141516
18 19
23
24
26
27
31
—
HBE —
SFP
IWLCK
—
DWLCK
—
Figure 2-5. Hardware Implementation-Dependent Register 2 (HID2)
Table 2-1. HID0 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com