Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 129Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 130Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 131Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-17
•
Memory control instructions—These provide control of caches, TLBs, and segment registers.
— Supervisor-level cache management
— User-level cache management
— Segment register manipulation
— TLB management
•
The G2_LE core implements the following instructions, which are defined as optional by the
PowerPC architecture:
— External Control In Word Indexed (eciwx)
— External Control Out Word Indexed (ecowx)
— Floating Select (fsel)
— Floating Reciprocal Estimate Single-Precision (fres)
— Floating Reciprocal Square Root Estimate (frsqrte)
— Store Floating-Point as Integer Word (stfiwx)
Note that this grouping of the instructions does not indicate which execution unit executes a particular
instruction or group of instructions.
Integer instructions operate on byte, half-word, and word operands. The PowerPC architecture uses
instructions that are four bytes long and word-aligned. It provides for byte, half-word, and word operand
loads and stores between memory and a set of 32 GPRs. Floating-point instructions operate on
single-precision (one word) and double-precision (one double word) floating-point operands. It also
provides for word and double-word operand loads and stores between memory and a set of 32
floating-point registers (FPRs).
Computational instructions do not modify memory. To use a memory operand in a computation and then
modify the same or another memory location, the memory contents must be loaded into a register,
modified, and written back to the target location with separate instructions. Decoupling arithmetic
instructions from memory accesses increases throughput by facilitating pipelining.
Processors that implement the PowerPC architecture follow the program flow when they are in the normal
execution state. However, the flow of instructions can be interrupted directly by the execution of an
instruction or by an asynchronous event. Either kind of exception may cause one of several components
of the system software to be invoked.
2.3.2.3
MPC8280 Implementation-Specific Instruction Set
The G2_LE core instruction set is defined as follows:
•
The core provides hardware support for all 32-bit PowerPC instructions.
•
The core provides the following two implementation-specific instructions used for software
tablesearch operations following TLB misses:
— Load Data TLB Entry (tlbld)
— Load Instruction TLB Entry (tlbli)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com