Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 132Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 140Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-20
Freescale Semiconductor
Typically, memory accesses are weakly ordered—sequences of operations, including load/store string and
multiple instructions, do not necessarily complete in the order they begin—maximizing the efficiency of
the internal bus without sacrificing coherency of the data. The processor core allows pending read
operations to precede previous store operations (except when a dependency exists, or in cases where a
non-cacheable access is performed), and provides support for a write operation to precede a previously
queued read data tenure (for example, allowing a snoop push to be enveloped by the address and data
tenures of a read operation). Because the processor can dynamically optimize run-time ordering of
load/store traffic, overall performance is improved.
2.4.2.2
Instruction Cache
The instruction cache also consists of 128 sets of four blocks, and each block consists of 32 bytes, an
address tag, and a valid bit. The instruction cache may not be written to except through a block fill
operation caused by a cache miss. In the processor core, internal access to the instruction cache is blocked
only until the critical load completes.
The processor core supports instruction fetching from other instruction cache lines following the
forwarding of the critical first double word of a cache line load operation. The processor core’s instruction
cache is blocked only until the critical load completes (hits under reloads are allowed). Successive
instruction fetches from the cache line being loaded are forwarded, and accesses to other instruction cache
lines can proceed during the cache line load operation.
The instruction cache is not snooped, and cache coherency must be maintained by software. A fast
hardware invalidation capability is provided to support cache maintenance. The organization of the
instruction cache is very similar to the data cache shown in Figure 2-6.
2.4.2.3
Cache Locking
The processor core supports cache locking, which is the ability to prevent some or all of a microprocessor’s
instruction or data cache from being overwritten. Cache entries can be locked for either an entire cache or
for individual ways within the cache. Entire data cache locking is enabled by setting HID0[DLOCK], and
entire instruction cache locking is enabled by setting HID0[ILOCK]. For more information, refer to the
application note Cache Locking on the G2 Core (order number: AN1767). Cache way locking is controlled
by the IWLCK and DWLCK bits of HID2.
2.4.2.3.1
Entire Cache Locking
When an entire cache is locked, hits within the cache are supplied in the same manner as hits to an
unlocked cache. Any access that misses in the cache is treated as a cache-inhibited access. Cache entries
that are invalid at the time of locking will remain invalid and inaccessible until the cache is unlocked. Once
the cache has been unlocked, all entries (including invalid entries) are available. Entire cache locking is
inefficient if the number of instructions or the size of data to be locked is small compared to the cache size.
2.4.2.3.2
Way Locking
Locking only a portion of the cache is accomplished by locking ways within the cache. Locking always
begins with the first way (way0) and is sequential, that is, it is valid to lock ways 0, 1, and 2 but it is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com