Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 133Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 134Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 135Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 136Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 137Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-21
possible to lock just way0 and way2. When using way locking at least one way must be left unlocked. The
maximum number of lockable ways is three.
Unlike entire cache locking, invalid entries in a locked way are accessible and available for data
placement. As hits to the cache fill invalid entries within a locked way, the entries become valid and
locked. This behavior differs from entire cache locking, where nothing is placed in the cache, even if
invalid entries exist in the cache. Unlocked ways of the cache behave normally.
2.5
Exception Model
This section describes the PowerPC exception model and implementation-specific details of the MPC8280
core.
2.5.1
PowerPC Exception Model
The PowerPC exception mechanism allows the processor to change to supervisor state as a result of
external signals, errors, or unusual conditions arising in the execution of instructions. When exceptions
occur, information about the state of the processor is saved to certain registers and the processor begins
execution at an address (exception vector) predetermined for each exception. Processing of exceptions
occurs in supervisor mode.
Although multiple exception conditions can map to a single exception vector, a more specific condition
may be determined by examining a register associated with the exception—for example, the DSISR
identifies instructions that cause a DSI exception. Additionally, some exception conditions can be
explicitly enabled or disabled by software.
The PowerPC architecture requires that exceptions be handled in program order; therefore, although a
particular implementation may recognize exception conditions out of order, exceptions are taken in strict
order. When an instruction-caused exception is recognized, any unexecuted instructions that appear earlier
in the instruction stream, including any that have not yet entered the execute stage, are required to complete
before the exception is taken. Any exceptions caused by those instructions are handled first. Likewise,
exceptions that are asynchronous and precise are recognized when they occur, but are not handled until the
instruction currently in the completion stage successfully completes execution or generates an exception,
and the completed store queue is emptied.
Unless a catastrophic condition causes a system reset or machine check exception, only one exception is
handled at a time. If, for example, a single instruction encounters multiple exception conditions, those
conditions are handled sequentially. After the exception handler handles an exception, the instruction
execution continues until the next exception condition is encountered. However, in many cases there is no
attempt to re-execute the instruction. This method of recognizing and handling exception conditions
sequentially guarantees that exceptions are recoverable.
Exception handlers should save the information stored in SRR0 and SRR1 early to prevent the program
state from being lost due to a system reset or machine check exception or to an instruction-caused
exception in the exception handler. SRR0 and SRR1 should also be saved before enabling external
interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com