Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 142 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 142 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 138Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
2-26
Freescale Semiconductor
entries. Software is responsible for maintaining the consistency of the TLB with memory. The core TLBs
are 64-entry, two-way set-associative caches that contain instruction and data address translations. The
core provides hardware assist for software table search operations through the hashed page table on TLB
misses. Supervisor software can invalidate TLB entries selectively.
For instructions and data that maintain address translations for blocks of memory, the G2_LE core
provides independent eight-entry BAT arrays. These entries define blocks that can vary from 128 Kbytes
to 256 Mbytes. The BAT arrays are maintained by system software. Adding the HID2[HBE] to the G2_LE
enables or disables the four additional pairs of BAT registers. However, regardless of the setting of
HID2[HBE], these BATs are accessible by mfspr and mtspr.
As specified by the PowerPC architecture, the hashed page table is a variable-sized data structure that
defines the mapping between virtual page numbers and physical page numbers. The page table size is a
power of two, and its starting address is a multiple of its size.
As specified by the PowerPC architecture, the page table contains a number of PTEGs. A PTEG contains
eight PTEs of 8 bytes each; therefore, each PTEG is 64 bytes long. PTEG addresses are entry points for
table search operations.
2.7
Instruction Timing
The G_LE2 core is a pipelined superscalar processor core. Because instruction processing is reduced into
a series of stages, an instruction does not require all of the resources of an execution unit at the same time.
For example, after an instruction completes the decode stage, it can pass on to the next stage, while the
subsequent instruction can advance into the decode stage. This improves the throughput of the instruction
flow. For example, it may take three cycles for a single floating-point instruction to execute, but if there
are no stalls in the floating-point pipeline, a series of floating-point instructions can have a throughput of
one instruction per cycle.
The core instruction pipeline has four major pipeline stages, described as follows:
•
The fetch pipeline stage primarily involves retrieving instructions from the memory system and
determining the location of the next instruction fetch. Additionally, if possible, the BPU decodes
branches during the fetch stage and folds out branch instructions before the dispatch stage.
•
The dispatch pipeline stage is responsible for decoding the instructions supplied by the instruction
fetch stage, and determining which of the instructions are eligible to be dispatched in the current
cycle. In addition, the source operands of the instructions are read from the appropriate register file
and dispatched with the instruction to the execute pipeline stage. At the end of the dispatch pipeline
stage, the dispatched instructions and their operands are latched by the appropriate execution unit.
•
In the execute pipeline stage, each execution unit with an executable instruction executes the
selected instruction (perhaps over multiple cycles), writes the instruction's result into the
appropriate rename register, and notifies the completion stage when the execution has finished. In
the case of an internal exception, the execution unit reports the exception to the
completion/write-back pipeline stage and discontinues instruction execution until the exception is
handled. The exception is not signaled until that instruction is the next to be completed. Execution
of most floating-point instructions is pipelined within the FPU allowing up to three instructions to
be executing in the FPU concurrently. The FPU pipeline stages are multiply, add, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com