Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
3-2
Freescale Semiconductor
3.1
Internal Memory Map
Table 3-1 defines the internal memory map of the MPC8280.
Table 3-1. Internal Memory Map
Address
(offset)
Register
R/W
Size
Reset
Section/Page
CPM Dual-Port RAM (Data)
0x00000–
0x03FFF
Dual-port RAM (DPRAM1)
R/W
16
Kbytes
—
14.5/14-17
0x04000–
0x07FFF
Reserved
—
16
Kbytes
——
0x08000–
0x0BFFF
Dual-port RAM (DPRAM2)
R/W
16
Kbytes
—
14.5/14-17
0x0C000–
0x0FFFF
Reserved
—
16
Kbytes
——
General SIU
0x10000
SIU module configuration register (SIUMCR)
R/W
32 bits
see
Figure 4-28
4.3.2.6/4-33
0x10004
System protection control register (SYPCR)
R/W
32 bits
0xFFFF_FF07
4.3.2.8/4-37
0x10008
Reserved
—
6 bytes
—
—
0x1000E
Software service register (SWSR)
W
16 bits
undefined
4.3.2.9/4-38
0x10010–
0x10023
Reserved
—
20 bytes
—
—
0x10024
Bus configuration register (BCR)
R/W
32 bits
reset
configuration
4.3.2.1/4-26
0x10028
60x bus arbiter configuration register (PPC_ACR)
R/W
8 bits
see
Figure 4-22
4.3.2.2/4-29
0x10029
Reserved
—
24 bits
—
—
0x1002C
60x bus arbitration-level register high (first 8 clients)
(PPC_ALRH)
R/W
32 bits
0x0126_3457
4.3.2.3/4-30
0x10030
60x bus arbitration-level register low (next 8 clients)
(PPC_ALRL)
R/W
32 bits
0x89AB_CDEF
4.3.2.3/4-30
0x10034
Local arbiter configuration register (LCL_ACR)
R/W
8 bits
0x02
4.3.2.4/4-31
0x10035
Reserved
—
24 bits
—
—
0x10038
Local arbitration-level register (first 8 clients) (LCL_ALRH)
R/W
32 bits
0x0126_3457
4.3.2.5/4-32
0x1003C
Local arbitration-level register (next 8 clients) (LCL_ALRL)
R/W
32 bits
0x89AB_
CDEF
4.3.2.3/4-30
0x10040
60x bus transfer error status control register 1 (TESCR1)
R/W
32 bits
0x0000_0000
4.3.2.10/4-39
0x10044
60x bus transfer error status control register 2 (TESCR2)
R/W
32 bits
0x0000_0000
4.3.2.11/4-41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com