Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 139Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 140Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 141Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 142Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 1386 page
background image
G2_LE Core
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
2-27
round-convert. The LSU has two pipeline stages. The first stage is for effective address calculation
and MMU translation, and the second is for accessing data in the cache.
•
The complete/write-back pipeline stage maintains the correct architectural machine state and
transfers the contents of the rename registers to the GPRs and FPRs as instructions are retired. If
the completion logic detects an instruction causing an exception, all following instructions are
canceled, their execution results in rename registers are discarded, and instructions are fetched
from the correct instruction stream.
A superscalar processor core issues multiple independent instructions into multiple pipelines allowing
instructions to execute in parallel. The G2_LE core has five independent execution units, one each for
integer instructions, floating-point instructions, branch instructions, load/store instructions, and system
register instructions. The IU and the FPU each have dedicated register files for maintaining operands
(GPRs and FPRs, respectively), allowing integer and floating-point calculations to occur simultaneously
without interference. Integer division performance of the G2_LE core has been improved, with the divwux
and divwx instructions executing in 20 clock cycles instead of the 37 cycles required in the MPC603e.
The core provides support for single-cycle store and an adder/comparator in the system register unit that
allows the dispatch and execution of multiple integer add and compare instructions on each cycle.
Because the PowerPC architecture can be applied to such a wide variety of implementations, instruction
timing among processor cores varies accordingly.
2.8
Differences Between the MPC8280 G2_LE
Embedded Core and the MPC603e
The G2_LE processor core is a derivative of the MPC603e microprocessor design. Some changes have
been made and are visible either to a programmer or a system designer. Any software designed around an
MPC603e is functional when replaced with the G2_LE except for the specific customer-visible changes
listed in Table 2-6.
Software can distinguish between the MPC603e and the G2_LE by reading the processor version register
(PVR). The G2_LE processor version number is 0x0081; the processor revision level starts at 0x0100 and
is incremented for each revision of the chip.
Table 2-6. Differences Between G2_LE Core and MPC603e
Description
Impact
An additional input interrupt signal, CINT,
implements a critical interrupt function.
MSR[CE] is allocated for enabling the critical interrupt
A new instruction is implemented for
critical interrupt
Return from Critical Interrupt (rfci) is implemented to return from these exception
handlers
Vector offset for critical interrupt
An exception vector offset of 0x00A00 is defined for critical interrupt
Two new registers are implemented for
saving processor state for critical
interrupts
CSRR0 and CSRR1 have the same bit assignments as SRR0 and SRR1,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com