Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 143Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 144Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 145Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 146Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 147Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 148Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 149Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 150Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 1386 page
background image
Memory Map
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
3-3
0x10048
Local bus transfer error status control register 1 (L_TESCR1) R/W
32 bits
0x0000_0000
4.3.2.12/4-42
0x1004C
Local bus transfer error status control register 2 (L_TESCR2) R/W
32 bits
0x0000_0000
4.3.2.13/4-43
0x10050
60x bus DMA transfer error address (PDTEA)
R
32 bits
undefined
19.2.3/19-4
0x10054
60x bus DMA transfer error MSNUM (PDTEM)
R
8 bits
undefined
19.2.4/19-4
0x10055
Reserved
—
24 bits
—
—
0x10058
Local bus DMA transfer error address (LDTEA)
R
32 bits
undefined
19.2.3/19-4
0x1005C
Local bus DMA transfer error MSNUM (LDTEM)
R
8 bits
undefined
19.2.4/19-4
0x1005D–
0x100FF
Reserved
—
163
bytes
——
Memory Controller
0x10100
Base register bank 0 (BR0)
R/W
32 bits
see
Figure 11-6
11.3.1/11-13
0x10104
Option register bank 0 (OR0)
R/W
32 bits
0xFE00_0EF4
11.3.2/11-15
0x10108
Base register bank 1 (BR1)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x1010C
Option register bank 1 (OR1)
R/W
32 bits
undefined
11.3.2/11-15
0x10110
Base register bank 2 (BR2)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x10114
Option register bank 2 (OR2)
R/W
32 bits
undefined
11.3.2/11-15
0x10118
Base register bank 3 (BR3)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x1011C
Option register bank 3 (OR3)
R/W
32 bits
undefined
11.3.2/11-15
0x10120
Base register bank 4 (BR4)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x10124
Option register bank 4 (OR4)
R/W
32 bits
undefined
11.3.2/11-15
0x10128
Base register bank 5 (BR5)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x1012C
Option register bank 5 (OR5)
R/W
32 bits
undefined
11.3.2/11-15
0x10130
Base register bank 6 (BR6)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x10134
Option register bank 6 (OR6)
R/W
32 bits
undefined
11.3.2/11-15
0x10138
Base register bank 7 (BR7)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x1013C
Option register bank 7 (OR7)
R/W
32 bits
undefined
11.3.2/11-15
0x10140
Base register bank 8 (BR8)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x10144
Option register bank 8 (OR8)
R/W
32 bits
undefined
11.3.2/11-15
0x10148
Base register bank 9 (BR9)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x1014C
Option register bank 9 (OR9)
R/W
32 bits
undefined
11.3.2/11-15
0x10150
Base register bank 10 (BR10)
R/W
32 bits
0x0000_0000
11.3.1/11-13
0x10154
Option register bank 10 (OR10)
R/W
32 bits
undefined
11.3.2/11-15
Table 3-1. Internal Memory Map (continued)
Address
(offset)
Register
R/W
Size
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com