Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 188 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 188 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 184Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 185Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 186Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 192Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-16
Freescale Semiconductor
Note that the interrupt vector table differs from the interrupt priority table in only two ways:
•
FCC, SCC, and MCC vectors are fixed; they are not affected by the SCC group mode, spread mode,
or the relative priority order of the FCCs, SCCs, and MCC.
•
An error vector exists as the last entry in Table 4-3. The error vector is issued when no interrupt is
requesting service.
4.2.4.1
Port C External Interrupts
There are 16 external interrupts, coming from the parallel I/O port C pins, PC[0–15]. When ones of these
pins is configured as an input, a change according to the SIU external interrupt control register (SIEXR)
causes an interrupt request signal to be sent to the interrupt controller. PC[0–15] lines can be programmed
to assert an interrupt request upon any change. Each port C line asserts a unique interrupt request to the
interrupt pending register and has a different internal interrupt priority level within the interrupt controller.
Requests can be masked independently in the interrupt mask register (SIMR). Notice that the global SIMR
is cleared on system reset so pins left floating do not cause false interrupts.
44
TC Layer1
0b10_1100
45–47
Reserved
0b10_11xx
48
PC15
0b11_0000
49
PC14
0b11_0001
50
PC13
0b11_0010
51
PC12
0b11_0011
52
PC11
0b11_0100
53
PC10
0b11_0101
54
PC9
0b11_0110
55
PC8
0b11_0111
56
PC7
0b11_1000
57
PC6
0b11_1001
58
PC5
0b11_1010
59
PC4
0b11_1011
60
PC3
0b11_1100
61
PC2
0b11_1101
62
PC1
0b11_1110
63
PC0
0b11_1111
1 MPC8280 only.
Table 4-3. Encoding the Interrupt Vector (continued)
Interrupt Number
Interrupt Source Description
Interrupt Vector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com