Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 192 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 192 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 196Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-20
Freescale Semiconductor
Table 4-6 describes SCPRR_H fields.
The CPM low interrupt priority register (SCPRR_L), shown in Figure 4-13, defines prioritization of SCCs
and TC layer.
Table 4-6. SCPRR_H Field Descriptions
Bits
Name
Description
0–2
XC1P–XCC1
Priority order. Defines which FCC/MCC asserts its request in the XCC1 priority position. The
user should not program the same FCC/MCC to more than one priority position (1–8). These
bits can be changed dynamically.
000 FCC1 asserts its request in the XCC1 position.
001 FCC2 asserts its request in the XCC1 position.
010 FCC3 asserts its request in the XCC1 position.
011 XCC1 position not active.
100 MCC1 asserts its request in the XCC1 position.1
101 MCC2 asserts its request in the XCC1 position.
110 XCC1 position not active.
111 XCC1 position not active.
1 MPC8280 only.
3–11
XC2P–XC4P
Same as XC1P, but for XCC2–XCC4
12–15
—
Reserved, should be cleared.
16–27
XC5P–XC8P
Same as XC1P, but for XCC5–XCC8
28–31
—
Reserved, should be cleared.
02
35
68
9
11
12
15
Field
YC1P
YC2P
YC3P
YC4P
—
Reset
000
001
010
011
0000
R/W
R/W
Addr
0x10C18
16
18
19
21
22
24
25
27
28
31
Field
YC5P
YC6P
YC7P
YC8P
—
Reset
100
101
110
111
0000
R/W
R/W
Addr
0x10C20
Figure 4-13. CPM Low Interrupt Priority Register (SCPRR_L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com