Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 194 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 194 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 195Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 196Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 197Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 198Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
4-22
Freescale Semiconductor
Figure 4-15 shows SIPNR_L fields.
When a pending interrupt is handled, the user clears the corresponding SIPNR bit. However, if an event
register exists, the unmasked event register bits should be cleared instead, causing the SIPNR bit to be
cleared.
SIPNR bits are cleared by writing ones to them. Because the user can only clear bits in this register, writing
zeros to this register has no effect.
Note that the SCC/FCC/MCC SIPNR bit positions are not changed according to their relative priority.
4.3.1.5
SIU Interrupt Mask Registers (SIMR_H and SIMR_L)
Each bit in the SIU interrupt mask register (SIMR) corresponds to a interrupt source. The user masks an
interrupt by clearing and enables an interrupt by setting the corresponding SIMR bit. When a masked
interrupt occurs, the corresponding SIPNR bit is set, regardless of the SIMR bit although no interrupt
request is passed to the core.
If an interrupt source requests interrupt service when the user clears its SIMR bit, the request stops. If the
user sets the SIMR bit later, a previously pending interrupt request is processed by the core, according to
its assigned priority. The SIMR can be read by the user at any time.
0
1
2
3
4
5
6
7
8
9
10
111213
15
Field FCC1 FCC2 FCC3
—
MCC12 MCC2
—
SCC1 SCC2 SCC3 SCC4
TC2
—
Reset
0000_0000_0000_00001
R/W
R/W
Addr
0x10C0C
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field I2C
SPI
RTT SMC1 SMC2 IDMA1 IDMA2 IDMA3 IDMA4 SDMA
—
TIMER1 TIMER2 TIMER3 TIMER4 —
Reset
0000_0000_0000_0001
01
R/W
R/W
Addr
0x10C0E
1 These fields are zero after reset because their corresponding mask register bits are cleared (disabled).
2 MPC8280 only. Reserved on all other devices.
Figure 4-15. SIPNR_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com