Electronic Components Datasheet Search
  English  ▼

X  

MPC8280 Datasheet(PDF) 191 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 191 Page - Freescale Semiconductor, Inc

Back Button MPC8280_07 Datasheet HTML 187Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 188Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 189Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 190Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 191Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 192Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 193Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 194Page - Freescale Semiconductor, Inc MPC8280_07 Datasheet HTML 195Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 1386 page
background image
System Interface Unit (SIU)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
4-19
The SIPRR register bits are described in Table 4-5.
4.3.1.3
CPM Interrupt Priority Registers (SCPRR_H and SCPRR_L)
The CPM high interrupt priority register (SCPRR_H), shown in Figure 4-12, define priorities between the
FCCs and MCCs.
Table 4-5. SIPRR Field Descriptions
Bits
Name
Description
0–2
XS1P–XSIU1
Priority order. Defines which PIT/TMCNT/PCI/IRQs asserts its request in the XSIU1 priority
position. The user should not program the same PIT/TMCNT/PCI/IRQs to more than one
priority position (1–8). These bits can be changed dynamically.
000 TMCNT asserts its request in the XSIU1 position.
001 PIT asserts its request in the XSIU1 position.
010 PCI asserts its request in the XSIU1 position.
011 IRQ1 asserts its request in the XSIU1 position.
100 IRQ2 asserts its request in the XSIU1 position.
101 IRQ3 asserts its request in the XSIU1 position.
110 IRQ4 asserts its request in the XSIU1 position.
111 IRQ5 asserts its request in the XSIU1 position.
3–11,
16–27
XS2P– XS8P
Same as XS1P, but for XSIU2–XSIU8.
12–15,
28–31
—
Reserved, should be cleared.
02
35
68
9
11
12
15
Field
XC1P
XC2P
XC3P
XC4P
—
Reset
000
001
010
011
0000
R/W
R/W
Addr
0x10C14
16
18
19
21
22
24
25
27
28
31
Field
XC5P
XC6P
XC7P
XC8P
—
Reset
100
101
110
111
0000
R/W
R/W
Addr
0x10C16
Figure 4-12. CPM High Interrupt Priority Register (SCPRR_H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com