Electronic Components Datasheet Search
  English  ▼

X  

EC4101-G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EC4101-G
Description  Four Channel Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4101-G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EC4101-G Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Four Channel Constant Current LED Driver
EC4101
BLOCK DIAGRAM
THEORY OF OPERATION
Introduction
The EC4101 is a four channel constant current source LED driver with programmable output current level.
The design consists of a regulator bandgap, voltage to current converter, and output mirror drivers. The
bandgap ensures good performance over voltage and temperature. The four outputs are tightly coupled
allowing for excellent channel matching.
Thermal Shutdown
The EC4101 uses a thermal comparator to monitor the system temperature shutting the device down if the
internal temperature reaches 150ºC. The device will remain off until the internal temperature drops below
130ºC.
Enable
The device has an enable function that is designed for TTL level inputs. This input will also track the VCC
pin so levels up to VCC are acceptable. The enable pin can also be used to control the LED brightness with
a pulse width modulated control signal. Duty Cycle or PWM control of the LED current maintains constant
LED color while brightness is changing. The EC4101 responds in less than 10
us to PWM signals applied
to this pin.
P 3 / 6
DR18EC070105-VER1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com