Electronic Components Datasheet Search
  English  ▼

X  

EC4101-G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EC4101-G
Description  Four Channel Constant Current LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC4101-G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EC4101-G Datasheet HTML 1Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 2Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 3Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 4Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 5Page - List of Unclassifed Manufacturers EC4101-G Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Four Channel Constant Current LED Driver
EC4101
ISET Pin
The ISET pin is the servo point of an amplifier configured as a voltage to current converter. The voltage at
this pins servos to the internal bandgap potential. A set resistor can be connected from the Iset pin to
ground to generate a reference current for the following current gain stages. A current could alternately be
applied to this pin in the form of a current source or current output DAC. This pin can also have a PWM
signal applied to control the LED brightness.
The RSET value may be determined as RSET = 1.5 * 1200/IOUT, kΩ where 1.5 is a typical ISET pin voltage,
1200 is a typical current multiplication ratio, and IOUT is a required LED current in mA.
Cathode Voltage, Supply Voltage and Power Dissipation
The voltage applied to the cathode of each LED determines the overall efficiency of the EC4101 circuit.
The EC4101 is designed to be able to sink 125mA at each of its four outputs; LED1 - 4. The EC4101 is
also designed to be able to handle up to 18V on these pins. This voltage handling capability assumes the
total power can be dissipated by the EC4101. The power dissipation inside the EC4101 will de directly
related to the voltage and current applied to these pins. For example, the typical operating cathode voltage
is 500mV. At maximum current the power dissipated by one LED driver output is 125mA * 500mV =
62.5mW. The following charts show the power dissipation of the EC4101 under various conditions. The
power dissipation should be kept below 1.3W for safe operation and long term reliability at room
P 4 / 6
DR18EC070105-VER1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com